Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC1G66L-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC1G66L-AF5-R
Description  BILATERAL SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC1G66L-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC1G66L-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HC1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-276.D
STATIC CHARACTERISTICS(Cont.) (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note)
MAX UNIT
ON-Resistance
RAIL
RON(RAIL)
VCC=2.0V, IS=100μA, VIS=GND;
VIN=VIH or VIL
75
Ω
VCC=4.5V, IS=1mA, VIS=GND;
VIN=VIH or VIL
29
95
Ω
VCC=6.0V, IS=1mA, VIS=GND;
VIN=VIH or VIL
23
82
Ω
VCC=9.0V, IS=1mA, VIS=GND;
VIN=VIH or VIL
18
70
Ω
VCC=2.0V, IS=100μA, VIS=VCC;
VIN=VIH or VIL
75
Ω
VCC=4.5V, IS=1mA, VIS=VCC;
VIN=VIH or VIL
35
106
Ω
VCC=6.0V, IS=1mA, VIS=VCC;
VIN=VIH or VIL
27
94
Ω
VCC=9.0V, IS=1mA, VIS=VCC;
VIN=VIH or VIL
21
78
Ω
DYNAMIC CHARACTERISTICS (TA=25°С, CL=50pF, GND=0, tR=tF=6ns, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note)
MAX UNIT
Propagation Delay VIS to VOS
tPHL/tPLH
VCC=2.0V, RL=∞
8
75
ns
VCC=4.5V, RL=∞
3
15
ns
VCC=6.0V, RL=∞
2
13
ns
VCC=9.0V, RL=∞
1
10
ns
Turn-ON Time E to VOS
tPZH/tPZL
VCC=2.0V, RL=1KΩ
50
125
ns
VCC=4.5V, RL=1KΩ
16
25
ns
VCC=6.0V, RL=1KΩ
13
21
ns
VCC=9.0V, RL=1KΩ
9
16
ns
Turn-OFF Time E to VOS
tPHZ/tPLZ
VCC=2.0V, RL=1KΩ
27
190
ns
VCC=4.5V, RL=1KΩ
16
38
ns
VCC=6.0V, RL=1KΩ
14
33
ns
VCC=9.0V, RL=1KΩ
12
16
ns
Note: All typical values are measured at Ta=25°С



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com