Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC21G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC21G-S14-R
Description  DUAL 4-INPUT AND GATES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC21G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC21G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC21G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC21G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC21G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC21
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R126-012.A
DUAL 4-INPUT AND GATES
DESCRIPTION
The U74AHC21 contains two independent 4-input AND gates.
They perform the Boolean function Y=A B C D
  or
Y=A BC D
 
in positive logic.
FEATURES
* Operation voltage range:
2~5.5V
* Low power dissipation:
ICC=2μA (Max.)
* ±8mA output drive at 5V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC21G-S14-R
SOP-14
Tape Reel
U74AHC21G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74AHC21G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC20G-P14-R UTC-U74AHC20G-P14-R Datasheet
227Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC20G-P14-R UTC-U74AHC20G-P14-R Datasheet
160Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC20G-S14-R UTC-U74AHC20G-S14-R Datasheet
227Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC20G-S14-R UTC-U74AHC20G-S14-R Datasheet
160Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC245 UTC-U74AHC245 Datasheet
211Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - U74AHC21G-S14-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC21 HITACHI-HD74HC21 Datasheet
45Kb / 8P
Dual 4-input AND Gates
logo
National Semiconductor ...
DM74LS21 NSC-DM74LS21 Datasheet
120Kb / 6P
Dual 4-Input AND Gates
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
Dual 4-input Positive AND Gates
HD74HC21 RENESAS-HD74HC21 Datasheet
92Kb / 7P
Dual 4-input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21 Datasheet
172Kb / 5P
DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21 Datasheet
173Kb / 4P
DUAL 4-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC21 RENESAS-HD74HC21_15 Datasheet
124Kb / 9P
Dual 4-input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21_15 Datasheet
165Kb / 5P
DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21_15 Datasheet
173Kb / 4P
DUAL 4-INPUT AND GATES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com