Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4049L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC4049L-S16-R
Description  HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4049L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC4049L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC4049
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-890.A
HEX INVERTING HIGH-TO-LOW
LEVEL SHIFTER
DESCRIPTION
The U74HC4049 is a high speed Si-gate CMOS device which
contains six independent inverters and they perform the function Y= A.
On the input circuit of this device has a modified input protection
structure which has no diode connected to VCC. Input voltages of up to
15-V may therefore be used.
This feature enables the inverters to be used as logic level
translators, which will convert high level logic to low level logic, while
operating from a low voltage power supply. For example15-V logic
can be converted down to 2-V logic. At the same time each part can
be used as a simple inverter without level translation.
FEATURES
* Inputs accept voltages to 15V
* Low power dissipation
* Enable to be used as a logic level translator
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC4049L-S16-R
U74HC4049G-S16-R
SOP-16
Tape Reel
U74HC4049L-S16-T
U74HC4049G-S16-T
SOP-16
Tube
U74HC4049L-P16-R
U74HC4049G-P16-R
TSSOP-16
Tape Reel
U74HC4049L-P16-T
U74HC4049G-P16-T
TSSOP-16
Tube


Similar Part No. - U74HC4049L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4049L-S16-R UTC-U74HC4049L-S16-R Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
More results

Similar Description - U74HC4049L-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
Hex inverting high-to-low level shifter
December 1990
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050_15 Datasheet
144Kb / 15P
Hex non-inverting HIGH-to-LOW level shifter
Rev. 3-31 January 2013
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
CMOS HEX VOLTAGE-LEVEL SHIFTER
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
Hex non-inverting HIGH-to-LOW level shifter
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com