Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT574G-R20-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT574G-R20-T
Description  OCTAL D-TYPE EDGE-TRIGGER FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT574G-R20-T Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT574G-R20-T Datasheet HTML 1Page - Unisonic Technologies U74HCT574G-R20-T Datasheet HTML 2Page - Unisonic Technologies U74HCT574G-R20-T Datasheet HTML 3Page - Unisonic Technologies U74HCT574G-R20-T Datasheet HTML 4Page - Unisonic Technologies U74HCT574G-R20-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT574
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-653.A
OCTAL D-TYPE EDGE-TRIGGER
FLIP-FLOP WITH 3-STATE
OUTPUT
DESCRIPTION
The UTC 74HCT574 is octal D-type flip-flop featuring separate D-type
inputs for each flip-flop and non-inverting 3-state outputs for bus-oriented
applications.
FEATURES
* Operation Voltage Range:4.5V~5.5V
* 3-state Non-Inverting Outputs for Bus-oriented Applications
* Common 3-state Output Enable Input
* Inputs are TTL voltage compatible
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HCT574L-R20-T
U74HCT574G-R20-T
TSSOP-20
Tape Reel
U74HCT574L-R20-T
U74HCT574G-R20-T
TSSOP-20
Tube


Similar Part No. - U74HCT574G-R20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT574G-R20-T UTC-U74HCT574G-R20-T Datasheet
177Kb / 5P
OCTAL D-TYPE EDGE-TRIGGER FLIP-FLOP WITH 3-STATE OUTPUT
More results

Similar Description - U74HCT574G-R20-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 PHILIPS-74ALVC374 Datasheet
94Kb / 20P
Octal D-type flip-flop positive edge-trigger
2002 Feb 26
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com