Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC640G-P20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC640G-P20-R
Description  OCTAL BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC640G-P20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC640G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC640
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-412.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~ 6.5
V
Voltage Applied To Output In High-Impedance Or Power-Off State
-0.5~6.5
Voltage applied to output in high or low state
VOUT
-0.5~Vcc+0.5
V
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°
C
Note:
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
VCC =1.8V
42
VCC =2.5V
43
ΟΕ
=0
f=10MHZ
VCC =3.3V
45
VCC =1.8V
1
VCC =2.5V
1
Power Dissipation Capacitance
Per Transceiver
CPD
ΟΕ
=1
f=10MHZ
VCC =3.3V
2
pF
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
Min
TYP
Max
UNIT
Operating
1.65
3.6
Supply Voltage
VCC
Data retention only
1.5
V
VCC = 1.65 V ~ 1.95 V
0.65*Vcc
VCC = 2.3 V ~ 2.7 V
1.7
High-Level Input Voltage
VIH
VCC = 2.7 V ~ 3.6 V
2
V
VCC = 1.65 V ~ 1.95 V
0.35*Vcc
VCC = 2.3 V ~ 2.7 V
0.7
Low-Level Input Voltage
VIL
VCC = 2.7 V ~ 3.6 V
0.8
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
Vcc
V
VCC = 1.65 V
-4
VCC = 2.3 V
-8
VCC = 2.7 V
-12
Output High Current
IOH
VCC = 3 V
-24
mA
VCC = 1.65 V
4
VCC = 2.3 V
8
VCC = 2.7 V
12
Output Low Current
IOL
VCC = 3 V
24
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com