Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC640G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC640G-P20-R
Description  OCTAL BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC640G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC640G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC640
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-412.A
OCTAL BUS TRANSCEIVER
WITH 3-STATE INVERTING
OUTPUTS
DESCRIPTION
The U74LVC640 is designed for asynchronous communication
between data buses and has inverting outputs. While the
direction-control(DIR) input is high, data transmits from the A bus to
the B bus. In contrast, Data transmits from the B bus to the A bus
DIR input is low. The output-enable(OE) will disable the device and
isolate from the buses when high voltage is applied on it.
FEATURES
* Supply Voltage Range From 1.2V to 3.6V
* Input Accept Voltages up to 5.5V
* Partial-Power-Down Mode Operation
* Max t
PD
is 6.3ns at 3.3V
TSSOP-20
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC640G-P20-R
TSSOP-20
Tape Reel


Similar Part No. - U74LVC640G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC640G-P20-R UTC-U74LVC640G-P20-R Datasheet
208Kb / 5P
OCTAL BUS TRANSCEIVER WITH 3-STATE INVERTING OUTPUTS
More results

Similar Description - U74LVC640G-P20-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
Octal Bus Transceiver
1997 REV 0
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
OCTAL BUS TRANSCEIVER
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
OCTAL BUS TRANSCEIVER
logo
Intel Corporation
M8287 INTEL-M8287 Datasheet
118Kb / 4P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN74AS620 TI-SN74AS620 Datasheet
477Kb / 10P
OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
OCTAL BUS TRANSCEIVER
1997-01-30
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com