Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC640G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC640G-P20-R
Description  OCTAL BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC640G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC640G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC640G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC640
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-412.A
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
Min
TYP
Max
UNIT
IOH = –100μA,VCC=1.65 V to 3.6 V
Vcc-0.2
IOH = –4mA, VCC=1.65V
1.29
IOH = –8mA , VCC=2.3V
1.9
IOH = –12mA , VCC=2.7V
2.2
IOH = –12mA , VCC=3V
2.4
High-Level Output Voltage
VOH
IOH = –24mA , VCC=3V
2.3
V
IOH = 100μA, VCC=1.65 V to 3.6 V
0.1
IOH = 4mA, VCC=1.65V
0.24
IOH = 8mA, VCC=2.3V
0.3
IOH = 12mA , VCC=2.7V
0.4
Low-Level Output Voltage
VOL
IOH = 24mA , VCC=3V
0.55
V
Input Current
II(LEAK)
VIN = 5.5 V or GND , VCC=3.6V
±1
μA
Power OFF Leakage Current
IOFF
VIN = 5.5 V or GND , VCC=0V
±1
μA
Output Off-State Current
IOZ
VOUT = 0 to 5.5 V , VCC=3.6V
±1
μA
VIN=VCC or GND,IOUT=0,VCC=3.6V
1
μA
Quiescent Supply Current
IQ
VIN=3.6~5.5v,IOUT=0,VCC=3.6V
1
μA
Additional Quiescent
Current Per Input Pin
ΔIQ
VCC=2.7V ~ 3.6V, VIN= VCC -0.6V,
IOUT=0
500
μA
SWITCHING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
Min
TYP
Max
UNIT
VCC =1.8 V ± 0.15 V
1
6
12.2
VCC =2.5 V ± 0.2 V
1
3.9
7.8
VCC =2.7 V
1
4.2
7.1
Propagation Delay
(From A to B Or From B to A)
tPLH / tPHL
VCC =3.3 V ± 0.3 V
1.5
3.8
6.1
ns
VCC =1.8 V ± 0.15 V
1
7
14.8
VCC =2.5 V ± 0.2 V
1
4.5
10
VCC =2.7 V
1
5.4
9.3
3-State Output Enable Time
( From ΟΕ to A or B)
tPZH / tPZL
VCC =3.3 V ± 0.3 V
1.5
4.4
8.3
ns
VCC =1.8 V ± 0.15 V
1
7.8
16.5
VCC =2.5 V ± 0.2 V
1
4
9
VCC =2.7 V
1
4.4
8.3
3-State Output Disable Time
( From ΟΕ A to A or B)
tPLZ / tPLH
VCC =3.3 V ± 0.3 V
1.7
4.1
7.3
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com