Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # LP2950
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2950 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button LP2950 Datasheet HTML 4Page - Micrel Semiconductor LP2950 Datasheet HTML 5Page - Micrel Semiconductor LP2950 Datasheet HTML 6Page - Micrel Semiconductor LP2950 Datasheet HTML 7Page - Micrel Semiconductor LP2950 Datasheet HTML 8Page - Micrel Semiconductor LP2950 Datasheet HTML 9Page - Micrel Semiconductor LP2950 Datasheet HTML 10Page - Micrel Semiconductor LP2950 Datasheet HTML 11Page - Micrel Semiconductor LP2950 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LP2950/2951
Micrel
3-42
February 1999
Typical Performance Characteristics (Continued)
Ripple Rejection
Shutdown Threshold Voltage
80
70
60
50
40
30
20
10
10
10
10
10
10
10
12
34
5
6
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-75 -50 -25 0 25 50 75 100 125 150
FREQUENCY (Hz)
TEMPERATURE (°C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
30
25
20
0
10
0
-10
400
300
200
100
0
120
100
80
60
40
20
0
5
10
152025
30
0
5
10
15
20
25
30
120
100
80
60
40
20
0
0
5
10
15
20
30
25
5
4
2
0
-2
1
-1
0
010
20
50
30
40
LP2950 Maximum
Rated Output
10
10
10
10
23
4
5
-75 -50 -25 0 25 50 75 100 125 150
Output Noise
LP2951 Divider Resistance
Line Regulation
LP2950 Maximum
Rated Output Current
15
10
5
5
-5
Thermal Response
FREQUENCY (Hz)
TEMPERATURE (°C)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
1.25W
I = 50 µA
L
C = 1 µF
V = 6V
V
= 5V
IN
L
OUT
0.01 µF
BYPASS
PIN 1 TO
PIN 7
C = 220 µF
I = 100 mA
L
L
C = 1 µF
L
C =
3.3 µF
L
I = 100 µA
L
I = 1 mA
L
I = 100 µA
L
T = 150°C
J
T = 125°C
J
T
= 125°C
J
MAX
V
= 5V
OUT
T = 25°C
A
T = 50°C
A
T = 85°C
A
8-PIN MOLDED
DIP SOLDERED
TO PC BOARD
T
= 125°C
J
MAX
T = 25°C
A
T = 85°C
A
TO-92 PACKAGE
0.25" LEADS SOLDERED
TO PC BOARD
I = 100 mA
L
TIME (µs)
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com