Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # LP2950
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2950 Datasheet(HTML) 4 Page - Micrel Semiconductor

  LP2950 Datasheet HTML 1Page - Micrel Semiconductor LP2950 Datasheet HTML 2Page - Micrel Semiconductor LP2950 Datasheet HTML 3Page - Micrel Semiconductor LP2950 Datasheet HTML 4Page - Micrel Semiconductor LP2950 Datasheet HTML 5Page - Micrel Semiconductor LP2950 Datasheet HTML 6Page - Micrel Semiconductor LP2950 Datasheet HTML 7Page - Micrel Semiconductor LP2950 Datasheet HTML 8Page - Micrel Semiconductor LP2950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LP2950/2951
Micrel
3-38
February 1999
Parameter
Condition
Min
Typ
Max
Units
Current Limit
V
OUT = 0V
160
200
mA
220
mA
Thermal Regulation
Note 13
0.05
0.20
%/W
Output Noise
10Hz to 100kHz, C
L = 1µF
430
µV
RMS
10Hz to 100kHz, C
L = 200µF
160
µV
RMS
10Hz to 100kHz, C
L = 3.3µF,
100
µV
RMS
0.01
µF bypass Feedback to Output
Reference Voltage
LP295x-02 (
±0.5%)
1.220
1.235
1.250
V
1.200
1.260
V
LP295x-03 (
±1%)
1.210
1.235
1.260
V
1.200
1.270
V
LP2951-4.8 (
±1%)
1.210
1.235
1.260
V
1.200
1.270
V
Reference Voltage
LP295x-02 (
±0.5%), Note 7
1.190
1.270
V
LP295x-03 (
±1%), Note 7
1.185
1.285
V
LP2951-4.8 (
±1%), Note 7
1.185
1.285
V
Feedback Bias Current
20
40
nA
60
nA
Reference Voltage
LP295x-02 (
±0.5%), Note 12
20
ppm/
°C
LP295x-03 (
±1%), Note 12
50
ppm/
°C
LP2951-4.8 (
±1%), Note 12
50
ppm/
°C
Feedback Bias Current
0.1
nA/
°C
Temperature Coefficient
Output Leakage Current
V
OH = 30V
0.01
1.00
µA
2.00
µA
Output Low Voltage (Flag)
V
IN = 4.5V, IOL = 200µA
150
250
mV
400
mV
Upper Threshold Voltage
Note 6
40
60
mV
25
mV
Lower Threshold Voltage
Note 6
75
95
mV
140
mV
Hysteresis
Note 6
15
mV
Input Logic Voltage
LP295x-02 (
±0.5%)
1.3
V
Low
0.7
V
High
2.0
V
LP295x-03 (
±1%)
1.3
V
Low
0.7
V
High
2.0
V
LP2951-4.8 (
±1%)
1.3
V
Low
0.7
V
High
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com