Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # LP2950
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2950 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button LP2950 Datasheet HTML 6Page - Micrel Semiconductor LP2950 Datasheet HTML 7Page - Micrel Semiconductor LP2950 Datasheet HTML 8Page - Micrel Semiconductor LP2950 Datasheet HTML 9Page - Micrel Semiconductor LP2950 Datasheet HTML 10Page - Micrel Semiconductor LP2950 Datasheet HTML 11Page - Micrel Semiconductor LP2950 Datasheet HTML 12Page - Micrel Semiconductor LP2950 Datasheet HTML 13Page - Micrel Semiconductor LP2950 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LP2950/2951
Micrel
3
February 1999
3-47
Low Battery Disconnect
For values shown, Regulator shuts down when V
IN
< 5.5 V and turns on again at 6.0 V. Current drain in disconnected mode is 150
µA.
System Over Temperature Protection Circuit
* Sets disconnect voltage
** Sets disconnect hysteresis
LM34 for 125
°F Shutdown
LM35 for 125
°C Shutdown
3
LP2951
SD
V
GND
4
1
8
OUT
+VIN
SENSE
2
NI-CAD
BACKUP
BATTERY
20
Ω
+
+
1µF
MAIN V+
MEMORY V+
LM385
1.5k
Ω**
–
100k
Ω
120k
Ω
FB
6V
SEALED
LEAD-
ACID
BATTERY
SOURCE
+
≈ 400kΩ*
FOR 5.5V
1N457
AUX. SHUTDOWN
INPUT
3
MIC2951
SD
V
GND
4
5
8
OUT
+VIN
ERROR
1
7
RELAY
EXTERNAL CIRCUIT
PROTECTED FROM
OVER TEMPERATURE
(V+ GOES OFF WHEN
TEMP.> 125
°)
OR
10k
Ω
5
° PRE-SHUTDOWN FLAG
+VIN
LM34 OR
LM35
TEMP.
SENSOR
8.2k
Ω
–
+
FB
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com