Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 2 Page - Micrel Semiconductor

  LP2951 Datasheet HTML 1Page - Micrel Semiconductor LP2951 Datasheet HTML 2Page - Micrel Semiconductor LP2951 Datasheet HTML 3Page - Micrel Semiconductor LP2951 Datasheet HTML 4Page - Micrel Semiconductor LP2951 Datasheet HTML 5Page - Micrel Semiconductor LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LP2950/2951
Micrel
3-36
February 1999
Additional features available with the LP2951 also include an
error flag output that warns of a low output voltage, which is
often due to failing batteries on the input. This may also be
used as a power-on reset. A logic-compatible shutdown input
is also available which enables the regulator to be switched on
and off. This part may also be pin-strapped for a 5V output,
or programmed from 1.24V to 29V with the use of two external
resistors.
The LP2950 is available as either an -02 or -03 version. The
-02 and -03 versions are guaranteed for junction temperatures
from –40
°C to +125°C; the -02 version has a tighter output and
reference voltage specification range over temperature. The
LP2951 is available as an -02 or -03 version.
The LP2950 and LP2951 have a tight initial tolerance (0.5%
typical), a very low output voltage temperature coefficient
which allows use as a low-power voltage reference, and
extremely good load and line regulation (0.05% typical). This
greatly reduces the error in the overall circuit, and is the result
of careful design techniques and process control.
Absolute Maximum Ratings
If Military/Aerospace specified devices are required, contact your local
Micrel representative/distributor for availability and specifications.
Power dissipation
Internally Limited
Lead Temperature (Soldering, 5 seconds)
260
°C
Storage Temperature Range
–65
°C to +150°C
Operating Junction Temperature Range (Note 8)
LP2950, LP2951
–40
°C to +125°C
Input Supply Voltage
–0.3V to +30V
Feedback Input Voltage (Notes 9 and 10)
–1.5V to +30V
Shutdown Input Voltage (Note 9)
–0.3V to +30V
Error Comparator Output Voltage (Note 9)
–0.3V to +30V
ESD Rating is to be determined.
Ordering Information
Part Number
Voltage
Temperature Range*
Package
Accuracy
LP2950-02BZ
5.0V
–40
°C to +125°C
3-Pin TO-92 plastic
0.5%
LP2950-03BZ
5.0V
–40
°C to +125°C
3-Pin TO-92 plastic
1.0%
LP2951-02BM
5.0V
–40
°C to +125°C
8-Pin SOIC
0.5%
LP2951-03BM
5.0V
–40
°C to +125°C
8-Pin SOIC
1.0%
LP2951-02BN
5.0V
–40
°C to +125°C
8-Pin Plastic DIP
0.5%
LP2951-03BN
5.0V
–40
°C to +125°C
8-Pin Plastic DIP
1.0%
LP2951-4.8BM
4.85V
–40
°C to +125°C
8-Pin SOIC
1.0%
* Junction temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com