Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 3 Page - Micrel Semiconductor

  LP2951 Datasheet HTML 1Page - Micrel Semiconductor LP2951 Datasheet HTML 2Page - Micrel Semiconductor LP2951 Datasheet HTML 3Page - Micrel Semiconductor LP2951 Datasheet HTML 4Page - Micrel Semiconductor LP2951 Datasheet HTML 5Page - Micrel Semiconductor LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LP2950/2951
Micrel
3
February 1999
3-37
Electrical Characteristics Note 1 T
A = 25°C except as noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage
LP295x-02 (
±0.5%)
4.975
5.000
5.025
V
T
J = 25°C
LP295x-03 (
±1%)
4.950
5.000
5.050
V
LP2951-4.8 (
±1%)
4.802
4.850
4.899
V
Output Voltage
LP295x-02 (
±0.5%)
4.950
5.050
V
–25
°C ≤ T
J ≤ +85°C
LP295x-03 (
±1%)
4.925
5.075
V
LP2951-4.8 (
±1%)
4.777
4.872
V
Output Voltage
LP295x-02 (
±0.5%), –40°C to +125°C
4.940
5.060
V
Over Full Temperature Range
LP295x-03 (
±1%), –40°C to +125°C
4.900
5.100
V
LP2951-4.8 (
±1%), –40°C to +125°C
4.753
4.947
V
Output Voltage
LP295x-02 (
±0.5%), 100µA ≤ I
L ≤ 100mA, TJ ≤ TJ(max)
4.930
5.070
V
Over Load Variation
LP295x-03 (
±1%), 100µA ≤ I
L ≤ 100mA, TJ ≤ TJ(max)
4.880
5.120
V
LP2951-4.8 (
±1%), 100µA ≤ I
L ≤ 100mA, TJ ≤ TJ(max)
4.733
4.967
V
Output Voltage
LP295x-02 (
±0.5%), Note 12
20
100
ppm/
°C
Temperature Coefficient
LP295x-03 (
±1%), Note 12
50
150
ppm/
°C
LP2951-4.8 (
±1%), Note 12
50
150
ppm/
°C
Line Regulation
LP295x-02 (
±0.5%), Notes 14, 15
0.03
0.10
%
0.20
%
LP295x-03 (
±1%), Notes 14, 15
0.04
0.20
%
0.40
%
LP2951-4.8 (
±1%), Notes 14, 15
0.04
0.20
%
0.40
%
Load Regulation
LP295x-02 (
±0.5%), Note 14, 100µA ≤ I
L ≤ 100mA
0.04
0.10
%
0.20
%
LP295x-03 (
±1%), Note 14, 100µA ≤ I
L ≤ 100mA
0.10
0.20
%
0.30
%
LP2951-4.8 (
±1%), Note 14, 100µA ≤ I
L ≤ 100mA
0.10
0.20
%
0.30
%
Dropout Voltage
Note 5, I
L = 100µA50
80
mV
150
mV
Note 5, I
L = 100mA
380
450
mV
600
mV
Ground Current
I
L = 100µA
100
150
µA
200
µA
I
L = 100mA
8
12
mA
14
mA
Dropout Current
V
IN = 4.5V, IL = 100µA
180
250
µA
310
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com