Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 1 Page - Micrel Semiconductor

  LP2951 Datasheet HTML 1Page - Micrel Semiconductor LP2951 Datasheet HTML 2Page - Micrel Semiconductor LP2951 Datasheet HTML 3Page - Micrel Semiconductor LP2951 Datasheet HTML 4Page - Micrel Semiconductor LP2951 Datasheet HTML 5Page - Micrel Semiconductor LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP2950/2951
Micrel
3
February 1999
3-35
LP2950/2951
100mA Low-Dropout Voltage Regulator
General Description
The LP2950 and LP2951 are micropower voltage regulators
with very low dropout voltage (typically 40mV at light loads
and 380mV at 100mA), and very low quiescent current (75
µA
typical).
The quiescent current of the LP2950/LP2951
increases only slightly in dropout, thus prolonging battery life.
This feature, among others, makes the LP2950 and LP2951
ideally suited for use in battery-powered systems.
Available in a 3-Pin TO-92 package, the LP2950 is pin-
compatible with the older 5V regulators. Additional system
functions, such as programmable output voltage and logic-
controlled shutdown, are available in the 8-pin DIP and 8-pin
SOIC versions of the LP2951.
Features
•
High accuracy 5V, guaranteed 100 mA output
•
Extremely low quiescent current
•
Low-dropout voltage
•
Extremely tight load and line regulation
•
Very low temperature coefficient
•
Use as regulator or reference
•
Needs only 1
µF for stability
•
Current and thermal limiting
LP2951 Versions Only
•
Error flag warns of output dropout
•
Logic-controlled electronic shutdown
•
Output programmable from 1.24 to 29V
Block Diagram and Pin Configurations
LP2950 and LP2951 Block Diagram
(Pin Numbers Refer to LP2951)
1
2
3
4
8
7
6
5
OUTPUT
SENSE
SHUTDOWN
GROUND
ERROR
5V TAP
FEEDBACK
INPUT
GROUND
OUTPUT
INPUT
TO-92 Plastic Package Bottom View
(BZ)
DIP and SO Packages
(BN and BM)
Applications
•
Automotive Electronics
•
Voltage Reference
•
Avionics
32
1
See MIC2950 for a part with 1) higher output (150 mA), 2) transient protection (60V), and 3) reverse input protection to –20V)
5V TAP
6
SENSE
2
GROUND
4
ERROR
5
TO CMOS
OR TTL
330
k
Ω
+
1.5 µF
60
k
Ω
182
k
Ω
OUTPUT
INPUT
FEEDBACK
1
8
7
5V
150 mA
MAX.
+
–
+
–
ERROR
AMPLIFIER
ERROR
DETECTION
COMPARATOR
+
1.23 V
REF.
+
60 mV
SHUT-
DOWN
3
FROM
CMOS
OR TTL
+
UNREGULATED DC


Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LP2951 FAIRCHILD-LP2951 Datasheet
46Kb / 10P
Adjustable Micro Power Voltage Regulator
logo
Calogic, LLC
LP2951 CALOGIC-LP2951 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
147Kb / 7P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931 Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com