Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2012CM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2012CM
Description  USB Power Controller Advance Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012CM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2012CM Datasheet HTML 2Page - Micrel Semiconductor MIC2012CM Datasheet HTML 3Page - Micrel Semiconductor MIC2012CM Datasheet HTML 4Page - Micrel Semiconductor MIC2012CM Datasheet HTML 5Page - Micrel Semiconductor MIC2012CM Datasheet HTML 6Page - Micrel Semiconductor MIC2012CM Datasheet HTML 7Page - Micrel Semiconductor MIC2012CM Datasheet HTML 8Page - Micrel Semiconductor MIC2012CM Datasheet HTML 9Page - Micrel Semiconductor MIC2012CM Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
September 2000
9
MIC2012/2072
MIC2012
Micrel
Fault Status Output
The FAULT signal is an active-low output with an open-drain
or weak pull-up configuration. FAULT is asserted (active-low)
when either an overcurrent or thermal shutdown condition
occurs. In the case of an overcurrent condition, FAULT will be
asserted only after the flag response delay time, t
DLY, has
elapsed. This ensures that FAULT is asserted only upon valid
overcurrent conditions and that erroneous error reporting is
eliminated. For example, false overcurrent conditions can
occur during hot-plug events when a highly capacitive load is
connected and causes a high transient inrush current that
exceeds the current-limit threshold. The FAULT response
delay time t
DLY is typically 10ms.
Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the output MOSFET
from turning on until the AUX input exceeds approximately
3.5V. UVLO ensures that the output MOSFETs remain off to
prevent high transient inrush current due to stray or bulk load
capacitance. This helps to ensure that the power supply
voltage regulation is preserved and also prevents possible
damage to sensitive components.
EN
(MIC2010-2)
VOUT
Overcurrent Fault
Thermal Shutdown
Reached
FAULT
Figure 6. MIC2012 System Timing
EN
(MIC2070-2)
VOUT
Overcurrent Fault
Load Removed–
Output Reset
FAULT
Figure 7. MIC2072 System Timing—
Output Resets When Load is Removed



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com