Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2012CM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2012CM
Description  USB Power Controller Advance Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012CM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2012CM Datasheet HTML 1Page - Micrel Semiconductor MIC2012CM Datasheet HTML 2Page - Micrel Semiconductor MIC2012CM Datasheet HTML 3Page - Micrel Semiconductor MIC2012CM Datasheet HTML 4Page - Micrel Semiconductor MIC2012CM Datasheet HTML 5Page - Micrel Semiconductor MIC2012CM Datasheet HTML 6Page - Micrel Semiconductor MIC2012CM Datasheet HTML 7Page - Micrel Semiconductor MIC2012CM Datasheet HTML 8Page - Micrel Semiconductor MIC2012CM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
September 2000
5
MIC2012/2072
MIC2012
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
TH LATCH
Latch Reset Threshold
V
OUT Rising
1.95
V
(MIC2072, MIC2072-x only)
Minimum Output Slew Rate
.4
V/s
to Reset Latch
(MIC2072, MIC2072-x only), Note 6
Overtemperature Threshold
T
J increasing, single channel
140
°C
T
J decreasing, single channel
120
°C
T
J increasing, both channels
160
°C
T
J decreasing, both channels
150
°C
V
OL
FAULT Output Low Voltage
I
FAULT = 5mA
0.2
V
V
OH
FAULT Output High Voltage
I
FAULT = –20µA4
V
(MIC2012-1P,-2P),(MIC2072-1P,-2P)
FAULT Output Off Current
V
FAULT = 5V
.2
10
µA
(Not Applicable to 'P' Options)
T
H
MAIN to S3# Hold Time, Note 6
Figure 5
5
ms
T
S
MAIN to S3# Set-up Time, Note 6
Figure 5
0
ms
t
DLY
FAULT Delay Filter Response Time
Output shorted to ground, Figure 4
5
10
20
ms
(Overcurrent only), Note 7
t
OC
Overcurrent Response Time
Output shorted to ground, Figure 4
MAIN output
2
µs
AUX output
2
µs
t
ON(MAIN)
MAIN Output Turn-On Time
R
L = 10Ω, CL = 1µF, Figure 3
2
ms
t
OFF(MAIN)
MAIN Output Turn-Off Time
R
L = 10Ω, CL = 1µF, Figure 3
35
µs
(MIC20x2-x only)
t
r(MAIN)
MAIN Output Rise Time
R
L = 10Ω, CL = 1µF, Figure 3
2
ms
t
f(MAIN)
MAIN Output Fall Time
R
L = 10Ω, CL = 1µF, Figure 3
32
µs
(MIC20x2-x only)
t
ON(AUX)
AUX Output Turn-On Time
R
L = 50Ω, CL = 1µF, Figure 3
0.6
ms
t
OFF(AUX)
AUX Output Turn-Off Time
R
L = 50Ω, CL = 1µF, Figure 3
120
µs
(MIC20x2-x only)
t
r(AUX)
AUX Output Rise Time
R
L = 50Ω, CL = 1µF, Figure 3
0.5
ms
t
f(AUX)
AUX Output Fall Time
R
L = 50Ω, CL = 1µF, Figure 3
115
µs
(MIC20x2-x only)
t
XMA
MAIN to AUX
S3# transition to 0
5
7.5
ms
Cross Conduction Time, Note 8
t
XAM
AUX to MAIN
S3# transition to 1
5
7.5
ms
Cross Conduction Time, Note 8
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
All voltages are referenced to ground.
Note 5.
For MIC20x2-1(P) OFF occurs when V
EN < 0.8V and ON occurs when VEN > 2.4V. For MIC20x2-2(P) OFF occurs when VEN > 2.4V and ON
occurs when V
EN < 0.8V.
Note 6.
Guaranteed by design. Not production tested.
Note 7.
Assumes only one channel in current-limit. Delay circuitry is shared among channels so it is possible for t
DLY to be 40ms max if one channel
enters current-limit as the other is about to time-out.
Note 8.
Cross conduction time is the duration in which both MAIN and AUX internal switches are on subsequent to S3# transitioning.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com