Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2012CM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2012CM
Description  USB Power Controller Advance Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012CM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2012CM Datasheet HTML 1Page - Micrel Semiconductor MIC2012CM Datasheet HTML 2Page - Micrel Semiconductor MIC2012CM Datasheet HTML 3Page - Micrel Semiconductor MIC2012CM Datasheet HTML 4Page - Micrel Semiconductor MIC2012CM Datasheet HTML 5Page - Micrel Semiconductor MIC2012CM Datasheet HTML 6Page - Micrel Semiconductor MIC2012CM Datasheet HTML 7Page - Micrel Semiconductor MIC2012CM Datasheet HTML 8Page - Micrel Semiconductor MIC2012CM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2000
1
MIC2012/2072
MIC2012
Micrel
MIC2012/MIC2072
USB Power Controller
Advance Information
General Description
The MIC2012 is a dual channel USB power switch designed
to support the power distribution requirements for USB Wakeup
from the ACPI S3 state. The MIC2012 will directly switch its
two outputs between a 5V main supply and a 5V auxiliary
supply normally provided in ATX style power supplies.
The MIC2012 will adjust its current-limit threshold according
to the ACPI state it is in. In the normal active S0 state the
current-limit is set at 500mA minimum per channel satisfying
the USB continuous output current specification. In the S3
state the current-limit can be reduced to only 100mA per
channel to minimize the current that is supplied by the
auxiliary supply thereby ensuring that voltage regulation is
maintained even during fault conditions.
The MIC2012 provides make-before-break switching to en-
sure glitch-free transitions between the S3 and S0 states.
Each channel is also thermally isolated from the other so that
a fault in one channel does not effect the other. FAULT status
output signals are also provided indicating overcurrent and
thermal shutdown conditions.
The MIC2072 option latches the output off upon detecting an
overcurrent condition for more than 5ms minimum. The
output can be reset by either toggling the EN inputs of the
MIC2072-1, -2 or by removing the load. Latching the output
off provides a circuit breaker mode of operation which re-
duces power consumption during fault conditions.
Typical Application
MIC2012P
VBUS
D+
D–
GND
MAIN
AUX
OUT1
Downstream
USB
Port 1
100
µF
5V MAIN
ATX Power Supply
S3#
FAULT1#
FAULT2#
VBUS
D+
D–
GND
Downstream
USB
Port 2
OUT2
GND
5V STANDBY
82801AA or Equivalent
SLP S3#
SLP S5#
OC0
OC1
Overcurrent Port 1
S3 Control
Overcurrent Port 1
100
µF
Figure 1. USB Wakeup with Control Input
Features
• Compliant to USB power distribution specifications
• Two completely independent switches
• Integrated switching matrix supports ACPI S0/S3 state
transitions without external FET circuits
• Make-before-break switching ensures glitch-free
transitions
• No back-feed of auxiliary supply onto main supply
during standby mode
• Bi-level current-limit preserves auxiliary supply voltage
regulation in standby mode
• Thermally isolated channels
• Thermal shutdown protection
• Fault status outputs with filter prevents false assertions
during hot-plug events
• Latched thermal shutdown options with auto-reset
(MIC2072)
• Undervoltage lockout
Applications
• Desktop PCs
• Notebook PCs
• Notebook Docking stations
• LAN Servers
• PC Motherboards
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC2012CM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2012CM MICREL-MIC2012CM Datasheet
695Kb / 16P
USB Power Controller
MIC2012CM MICREL-MIC2012CM Datasheet
695Kb / 16P
USB Power Controller
More results

Similar Description - MIC2012CM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
Single-Channel USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
logo
Global Mixed-mode Techn...
G525A GMT-G525A Datasheet
243Kb / 8P
USB High-Side Power Switch Advance Information
G528 GMT-G528 Datasheet
194Kb / 8P
USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525_15 Datasheet
147Kb / 1P
USB High-Side Power Switch Advance Information
G525 GMT-G525 Datasheet
147Kb / 1P
USB High-Side Power Switch Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com