Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB0530 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MB0530
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MB0530 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MB0530 Datasheet HTML 8Page - Micrel Semiconductor MB0530 Datasheet HTML 9Page - Micrel Semiconductor MB0530 Datasheet HTML 10Page - Micrel Semiconductor MB0530 Datasheet HTML 11Page - Micrel Semiconductor MB0530 Datasheet HTML 12Page - Micrel Semiconductor MB0530 Datasheet HTML 13Page - Micrel Semiconductor MB0530 Datasheet HTML 14Page - Micrel Semiconductor MB0530 Datasheet HTML 15Page - Micrel Semiconductor MB0530 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
June 2000
13
MIC2141
MIC2141
Micrel
Predesigned Circuit Values
I
PEAK
I
PEAK
V
IN(min)
V
IN(max)
V
OUT
I
OUT(max)
L1
CR1
(V
IN = VOUT – 0.5V) or 14V
(V
IN = VIN(min))
2.5V
4.5V
5.0V
4mA
15
µH
BAT54
230mA
128mA
3mA
18
µH
BAT54
192mA
106mA
2mA
27
µH
BAT54
128mA
71mA
1mA
56
µH
BAT54
62mA
34mA
0.5mA
120
µH
BAT54
29mA
16mA
5V bootstrap
14.8mA
3.9
µH
MBR0503
890mA
500mA
2.5V
11.5V
12V
1mA
15
µH
MBR0530
588mA
128mA
0.5mA
33
µH
BAT54
267mA
58mA
0.2mA
82
µH
BAT54
108mA
23mA
2.5V
4.7V
12V bootstrap
3.5mA
4.7
µH
MBR0503
750mA
500mA
2.5V
4.7V
12V bootstrap
4.3mA
3.9
µH
MBR0503
900mA
500mA
2.5V
14V
15V
0.8mA
15
µH
MBR0530
741mA
128mA
0.5mA
27
µH
MBR0530
412mA
71mA
0.2mA
68
µH
BAT54
163mA
28mA
2.5V
14V
16V
0.8mA
15
µH
MBR0530
710mA
128mA
0.5mA
22
µH
MBR0530
456mA
87mA
0.2mA
56
µH
BAT54
190mA
34mA
2.5V
14V
22V
0.5mA
15
µH
MBR0530
590mA
128mA
0.2mA
39
µH
BAT54
274mA
49mA
0.1mA
82
µH
BAT54
130mA
23mA
3.0V
4.5V
5V
10mA
12
µH
BAT54
288mA
190mA
use for Li-ion
3.6mA
27
µH
BAT54
128mA
85mA
battery range
0.8mA
120
µH
BAT54
29mA
19mA
5V bootstrap
20mA
4.7
µH
MBR0530
730mA
450mA
3.0V
8.5V
9V
3mA
12
µH
MBR0530
652mA
190mA
use for Li-ion
1.7mA
22
µH
MBR0530
296mA
103mA
battery range
0.8mA
47
µH
MBR0530
139mA
49mA
3.0V
4.7V
9V bootstrap
8mA
4.7
µH
MBR0503
750mA
450mA
use for Li-ion
battery range
3.0V
11.5V
12V
2.1mA
12
µH
MBR0530
882mA
190mA
use for Li-ion
1.7mA
15
µH
MBR0530
588mA
156mA
battery range
1mA
27
µH
MBR0530
327mA
85mA
0.45mA
56
µH
BAT54
157mA
40mA
3.0V
4.7V
12V bootstrap
5.4mA
4.7
µH
MBR0530
750mA
450mA
use for Li-ion
battery range
3.0V
14V
15V
1.6mA
12
µH
MBR0530
926mA
190mA
use for Li-ion
0.87mA
22
µH
MBR0530
505mA
103mA
battery range
0.41mA
47
µH
BAT54
237mA
49mA
3.0V
4.7V
15V bootstrap
4mA
4.7
µH
MBR0530
750mA
450mA
use for Li-ion
battery range
3.0V
14V
22V
1mA
10
µH
MBR0530
1071mA
190mA
use for Li-ion
0.8mA
15
µH
MBR0530
714mA
152mA
battery range
0.46mA
27
µH
MBR0530
400mA
85mA
0.2mA
68
µH
BAT54
157mA
3.3mA
Table 4a. Typical Configurations for Wide-Range Inputs—2.5V to 3.0V Minimum Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com