Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB0530 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MB0530
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MB0530 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MB0530 Datasheet HTML 1Page - Micrel Semiconductor MB0530 Datasheet HTML 2Page - Micrel Semiconductor MB0530 Datasheet HTML 3Page - Micrel Semiconductor MB0530 Datasheet HTML 4Page - Micrel Semiconductor MB0530 Datasheet HTML 5Page - Micrel Semiconductor MB0530 Datasheet HTML 6Page - Micrel Semiconductor MB0530 Datasheet HTML 7Page - Micrel Semiconductor MB0530 Datasheet HTML 8Page - Micrel Semiconductor MB0530 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
June 2000
3
MIC2141
MIC2141
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) ................................................... +18V
Switch Voltage (V
SW) .................................................. +24V
Feedback Voltage (F
B) ................................................ +24V
Control Input Voltage (V
C), Note 3 .. VIN–200mV ≤ VC ≤ 4V
ESD Rating, Note 4 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (V
IN) .................................... +2.5V to +14V
Switch Voltage (V
SW) ...................................... +3V to +22V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Tempgserature (T
J) ................... –40°C to +125°C
Package Thermal Resistance
SOT-23-5 (
θ
JA) ...................................................... 220°C/W
Electrical Characteristics
V
IN = 3.6V, VOUT = 5V; IOUT = 1mA; TJ = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Input Voltage
2.5
14
V
Quiescent Current
Switch off, V
IN = 3.6V
70
100
µA
Comparator Hysteresis
10
mV
Control Voltage Gain (V
OUT/VC)
2.5V
≤ V
IN ≤ 12V, VOUT = 15V
6
Controlled Output Voltage,
V
C = 0.8V; 2.5V ≤ VIN ≤ 4.2V
4.85
5.0
5.15
V
Note 3
V
C = 2.5V; 2.7V ≤ VIN ≤ 12V
14.55
15.0
15.45
V
V
C = 3.4V; 3.6V ≤ VIN ≤ 12V
19.4
20.0
20.6
V
Load Regulation
100
µA ≤ I
OUT ≤ 1mA, VOUT = 15V
0.25
1
%
Line Regulation
2.5V
≤ V
IN ≤ 12V; IOUT ≤ 1mA
0.05
0.2
%/V
Switch On-Resistance
I
SW = 100mA, VIN = 3.6V
4
Ω
I
SW = 100mA, VIN = 12V
2.5
Ω
Oscillator Frequency
300
330
360
kHz
Oscillator Duty Cycle
15
18
%
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
V
C = 4V sets VOUT to 24V (absolute maximum level on VSW); VC must be ≤ VIN – 200mV.
Note 4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com