Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB0530 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MB0530
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MB0530 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MB0530 Datasheet HTML 1Page - Micrel Semiconductor MB0530 Datasheet HTML 2Page - Micrel Semiconductor MB0530 Datasheet HTML 3Page - Micrel Semiconductor MB0530 Datasheet HTML 4Page - Micrel Semiconductor MB0530 Datasheet HTML 5Page - Micrel Semiconductor MB0530 Datasheet HTML 6Page - Micrel Semiconductor MB0530 Datasheet HTML 7Page - Micrel Semiconductor MB0530 Datasheet HTML 8Page - Micrel Semiconductor MB0530 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC2141
Micrel
MIC2141
2
June 2000
Pin Configuration
IN
VC
FB
SW
1
3
45
2
GND
Part
Identification
SAxx
SOT-23-5 (BM)
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Input: +2.5V to +14V supply for internal circuity.
2
GND
Ground: Return for internal circuitry and internal MOSFET (switch) source.
3
SW
Switch Node (Input): Internal MOSFET drain; 22V maximum.
4
FB
Feedback (Input): Output voltage sense node. Compared to V
C control
input voltage.
5
VC
Control (Input): Output voltage control signal input. Input voltage of 0.8V to
3.6V is proportional to 4.8V to 22V output voltage (gain of 6). If the pin is not
connected, the output voltage will be V
IN – 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com