Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2754-RBM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2754-RBM5
Description  Power Supply Supervisors Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2754-RBM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2754-RBM5 Datasheet HTML 1Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 1999
1
MIC2753/2754
MIC2753/2754
Micrel
MIC2753/2754
Power Supply Supervisors
Preliminary Information
General Description
The MIC2753 and MIC2754 are ultraminiature, full-featured,
power supply supervisors featuring active-high and active-
low reset outputs, respectively.
The MIC2753/4 includes an undervoltage detector with a
power-on reset generator and reset output, an overvoltage
detector with a separate output for activating crowbar circuits,
and a debounced manual reset input. Typical supply current
is a low 30
µA.
These devices provide a 140ms minimum reset output at
power-on and assert their reset outputs any time the input
voltage deviates beyond preset overvoltage or undervoltage
thresholds. Reset outputs remain asserted for 140ms (mini-
mum) after the input returns to normal or after releasing the
manual reset. When an overvoltage condition is detected, the
overvoltage output is immediately activated. Hysteresis on
both thresholds prevents erratic operation due to noise.
Typical Application
Microcontroller
Manual
Reset
MIC2754
VCC
HV
MR
RST
VCC
VIN
RST IN
GND
GND
Fuse
SCR
Crowbar
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Features
• Undervoltage and overvoltage monitor
• Separate overvoltage flag output
• Generates 140ms (minimum) power-on reset pulse
• Debounced manual reset input
• Choice of active-high (MIC2753) or
active-low (MIC2754) reset outputs
• Low 30
µA typical supply current
• No external components needed
• IttyBitty™ SOT-23-5 package
Applications
• Computer systems
• Embedded controllers
• Power supplies
• Telecommunications systems


Similar Part No. - MIC2754-RBM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2754-RBM5 MICREL-MIC2754-RBM5 Datasheet
68Kb / 12P
Power Supply Supervisors
More results

Similar Description - MIC2754-RBM5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
PC Power Supply Supervisors
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
Advanced Information Preliminary
logo
Texas Instruments
TL7770-5 TI-TL7770-5_06 Datasheet
389Kb / 15P
DUAL POWER-SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
PC Power Supply Supervisors
logo
Micrel Semiconductor
MIC2753 MICREL-MIC2753_02 Datasheet
68Kb / 12P
Power Supply Supervisors
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com