Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2754-RBM5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2754-RBM5
Description  Power Supply Supervisors Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2754-RBM5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2754-RBM5 Datasheet HTML 1Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
June 1999
5
MIC2753/2754
MIC2753/2754
Micrel
Typical Characteristics
0
20
40
60
80
100
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Supply Current
vs. Temperature
1V
3V
4V
5V
2V
V
IN = 6V
No Load; L, M
voltage codes
0
1
2
3
4
5
6
7
8
9
10
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Power-Down Reset Delay
vs. Temperature
L, M voltage codes
150
200
250
300
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Power-Up Reset Timeout
vs. Temperature
0.990
0.995
1.000
1.005
1.010
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Normalized Reset Threshold
vs. Temperature
20
25
30
35
40
45
50
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Manual Reset Delay
vs. Temperature
L, M voltage codes
0
10
20
30
40
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Overvoltage Delay
vs. Temperature
10mV
20mV
100mV
Overdrive = 200mV
L, M voltage codes
0
10
20
30
40
50
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Undervoltage Delay
vs. Temperature
20mV
Overdrive = 10mV
L, M voltage codes
0.990
0.995
1.000
1.005
1.010
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Normalized Overvoltage
Threshold vs. Temperature
20
60
100
140
180
220
260
300
-40 -20
0
20
40
60
80 100
TEMPERATURE (˚C)
MR Pull-up Current
vs. Temperature
2.85V
3.3V
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com