Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2754-RBM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2754-RBM5
Description  Power Supply Supervisors Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2754-RBM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2754-RBM5 Datasheet HTML 1Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2753/2754
Micrel
MIC2753/2754
4
June 1999
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OL(RST)
Reset Output Voltage Low
R/S/T voltage codes,
0.5
V
MIC2753
V
IN = VTHU(max) + 100mV, ISINK = 50µA
L/M voltage codes,
0.5
V
V
IN = VTHU(max) + 100mV, ISINK = 50µA
V
OH(RST)
Reset Output Voltage High
R/S/T voltage codes,
V
IN –0.5
V
MIC2753
V
IN = VTHU(min) – 100mV, ISOURCE = 0.5mA
L/M voltage codes,
V
IN –0.8
V
V
IN = VTHU(min) – 100mV, ISOURCE = 1.0mA
V
OL(RST)
/Reset Output Voltage Low
R/S/T voltage codes,
0.5
V
MIC2754
V
IN = VTHU(min) – 100mV, ISINK = 0.5mA
L/M voltage codes,
0.8
V
V
IN = VTHU(min) – 100mV, ISINK = 1.0mA
V
IN ≥ 1.5V, IOL = 50µA
0.5
V
V
OH(RST)
/Reset Output Voltage High
R/S/T voltage codes,
V
IN –0.5
V
MIC2754
V
IN = VTHU(max) + 100mV, ISOURCE = 35µA
L/M voltage codes,
V
IN –0.5
V
V
IN = VTHU(max) + 100mV, ISOURCE = 35µA
V
IH(/MR)
/MR Input Voltage, High
0.8 V
IN
V
V
IL(/MR)
/MR Input Voltage, Low
0.2 V
IN
V
t
PROP(/MR)
Propagation Delay
V
/MR ≤ VIL to VRST ≥ VOH
1
2
µs
MIC2753
Propagation Delay
V
/MR ≤ VIL to V/RST ≤ VOL
1
2
µs
MIC2754
t
/MR(min)
/MR Minimum Input Pulse Width
2.5
µs
I
PU
Pull-Up Current, /MR
V
/MR = 0V
0.2
2
µA
I
IH
Input Current, /MR
V
/MR = VIN
0.01
µA
V
OL(/HV)
/HV Output Voltage Low
V
IN > VTHO(max),
0.5
V
I
SINK = 0.5mA, R/S/T voltage codes
V
V
IN > VTHO(max),
0.8
V
I
SINK = 1.0mA, L/M voltage codes
V
t
PROP(/HV)
/HV Propagation Delay
V
IN = VTHO (min) – 100mV to VTHO (max) + 100mV
12
30
µs
I
/HV
/HV Leakage Current
V
IN = VTHO (min) – 100mV
–2
+2
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Final test on outgoing product is performed at T
A = 25°C. Device performance over –40°C ≤ TA ≤ +85°C is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com