Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6835 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6835
Description  20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6835 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6835 Datasheet HTML 1Page - Pan Jit International Inc. PJS6835 Datasheet HTML 2Page - Pan Jit International Inc. PJS6835 Datasheet HTML 3Page - Pan Jit International Inc. PJS6835 Datasheet HTML 4Page - Pan Jit International Inc. PJS6835 Datasheet HTML 5Page - Pan Jit International Inc. PJS6835 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJS6835
March 6,2015-REV.00
Page 1
20V P-Channel Enhancement Mode MOSFET
– ESD Protected
Voltage
-20 V
Current
-500mA
SOT-23 6L
Unit: inch(mm)
Features
Low Voltage Drive (1.2V).
Advanced Trench Process Technology
Specially Designed for Load switch, PWM Application, etc.
ESD Protected
Lead free in compliance with EU RoHS 2011/65/EU
directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L Package
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.0141 grams
Marking: SG5
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
+10
V
Continuous Drain Current
ID
-500
mA
Pulsed Drain Current
(Note 4)
IDM
-1000
mA
Power Dissipation
Ta=25
oC
PD
500
mW
Derate above 25
oC
4
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
250
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6835

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6830 PANJIT-PJS6830 Datasheet
426Kb / 6P
20V Dual N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022 PJS6830-REV.01
PJS6830_S1_00001 PANJIT-PJS6830_S1_00001 Datasheet
426Kb / 6P
20V Dual N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022 PJS6830-REV.01
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832_S1_00001 PANJIT-PJS6832_S1_00001 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
More results

Similar Description - PJS6835

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3431 PANJIT-PJA3431 Datasheet
240Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7403 PANJIT-PJC7403 Datasheet
260Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7801 PANJIT-PJT7801 Datasheet
256Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3415AE PANJIT-PJA3415AE Datasheet
327Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419 PANJIT-PJA3419 Datasheet
335Kb / 6P
20V P-Channel Enhancement Mode MOSFET??ESD Protected
PJA3435 PANJIT-PJA3435 Datasheet
326Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8803 PANJIT-PJX8803 Datasheet
337Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419E PANJIT-PJA3419E Datasheet
406Kb / 6P
20V P-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
PJA3419AE PANJIT-PJA3419AE Datasheet
412Kb / 6P
20V P-Channel Enhancement Mode MOSFET – ESD Protected
March 6,2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com