Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5246 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5246
Description  150mA 關Cap CMOS LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5246 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5246 Datasheet HTML 4Page - Micrel Semiconductor MIC5246 Datasheet HTML 5Page - Micrel Semiconductor MIC5246 Datasheet HTML 6Page - Micrel Semiconductor MIC5246 Datasheet HTML 7Page - Micrel Semiconductor MIC5246 Datasheet HTML 8Page - Micrel Semiconductor MIC5246 Datasheet HTML 9Page - Micrel Semiconductor MIC5246 Datasheet HTML 10Page - Micrel Semiconductor MIC5246 Datasheet HTML 11Page - Micrel Semiconductor MIC5246 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC5246
Micrel
MIC5246
8
June 2000
The actual power dissipation of the regulator circuit can be
determined using the equation:
P
D = (VIN – VOUT) IOUT + VIN IGND
Substituting P
D(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For
example, when operating the MIC5246-3.0BM5 at 50
°C with
a minimum footprint layout, the maximum input voltage for a
set output current can be determined as follows:
P
125 C
5
C
235 C/W
D(max) =
°−
°
°


0
P
D(max) = 315mW
The junction-to-ambient thermal resistance for the minimum
footprint is 235
°C/W, from Table 1. The maximum power
dissipation must not be exceeded for proper operation. Using
the output voltage of 3.0V and an output current of 150mA,
the maximum input voltage can be determined. Because this
device is CMOS and the ground current is typically 100
µA
over the load range, the power dissipation contributed by the
ground current is < 1% and can be ignored for this calculation.
315mW = (V
IN – 3.0V) 150mA
315mW = V
IN ·150mA – 450mW
810mW = V
IN ·150mA
V
IN(max) = 5.4V
Therefore, a 3.0V application at 150mA of output current can
accept a maximum input voltage of 5.4V in a SOT-23-5
package. For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to the Regulator Thermals
section of Micrel’s
Designing with Low-Dropout Voltage Regu-
lators handbook.
Fixed Regulator Applications
15
2
34
1
µF
VOUT
MIC5246-x.xBM5
47k
Ω
VIN
Figure 1. Low-Noise Fixed Voltage Application
Figure 1 shows a standard low-noise configuration with a
47k
Ω pull-up resistor from the error flag to the input voltage
and a pull-down capacitor to ground for the purpose of fault
indication.
Dual-Supply Operation
When used in dual supply systems where the regulator load
is returned to a negative supply, the output voltage must be
diode clamped to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com