Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5246 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5246
Description  150mA 關Cap CMOS LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5246 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5246 Datasheet HTML 1Page - Micrel Semiconductor MIC5246 Datasheet HTML 2Page - Micrel Semiconductor MIC5246 Datasheet HTML 3Page - Micrel Semiconductor MIC5246 Datasheet HTML 4Page - Micrel Semiconductor MIC5246 Datasheet HTML 5Page - Micrel Semiconductor MIC5246 Datasheet HTML 6Page - Micrel Semiconductor MIC5246 Datasheet HTML 7Page - Micrel Semiconductor MIC5246 Datasheet HTML 8Page - Micrel Semiconductor MIC5246 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC5246
Micrel
MIC5246
4
June 2000
0
10
20
30
40
50
60
FREQUENCY (Hz)
Power Supply Rejection Ratio
I
LOAD = 100µA
0
10
20
30
40
50
60
FREQUENCY (Hz)
Power Supply Rejection Ratio
I
LOAD= 50mA
0
10
20
30
40
50
60
FREQUENCY (Hz)
Power Supply Rejection Ratio
I
LOAD = 100mA
0
10
20
30
40
50
60
FREQUENCY (Hz)
Power Supply Rejection Ratio
I
LOAD = 150mA
80
82
84
86
88
90
0
1
10
100
1000
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
0
20
40
60
80
100
-40
-10
20
50
80
110 140
TEMPERATURE (
°C)
Ground Pin Current
Iload = 100
µA
0
20
40
60
80
100
-40
-10
20
50
80
110 140
TEMPERATURE (
°C)
Ground Pin Current
I
LOAD = 150mA
0
20
40
60
80
100
012345
VOLTAGE IN (V)
Ground Pin Current
I
LOAD = 100µA
0
20
40
60
80
100
012345
VOLTAGE IN (V)
Ground Pin Current
I
LOAD
= 150mA
0
1
2
3
4
012345
VOLTAGE IN (V)
Dropout Characteristics
150mA
100
µA
0
50
100
150
200
-40
-10
20
50
80
110 140
TEMPERATURE (
°C)
Dropout Voltage
I
LOAD = 100µA
0
50
100
150
200
250
-40
-10
20
50
80
110 140
TEMPERATURE (
°C)
Dropout Voltage
I
LOAD = 150mA
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com