Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5246 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5246
Description  150mA 關Cap CMOS LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5246 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5246 Datasheet HTML 1Page - Micrel Semiconductor MIC5246 Datasheet HTML 2Page - Micrel Semiconductor MIC5246 Datasheet HTML 3Page - Micrel Semiconductor MIC5246 Datasheet HTML 4Page - Micrel Semiconductor MIC5246 Datasheet HTML 5Page - Micrel Semiconductor MIC5246 Datasheet HTML 6Page - Micrel Semiconductor MIC5246 Datasheet HTML 7Page - Micrel Semiconductor MIC5246 Datasheet HTML 8Page - Micrel Semiconductor MIC5246 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC5246
Micrel
June 2000
3
MIC5246
Electrical Characteristics
V
IN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 0mA
–11
%
–22
%
∆V
LNR
Line Regulation
V
IN = VOUT + 0.1V to 6V
–0.3
0
0.3
%/V
∆V
LDR
Load Regulation
I
OUT = 0.1mA to 150mA, Note 4
23
%
V
IN – VOUT
Dropout Voltage, Note 5
I
OUT = 100µA
1.5
5
mV
I
OUT = 50mA
50
85
mV
I
OUT = 100mA
100
150
mV
I
OUT = 150mA
150
200
mV
250
mV
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.2
1
µA
I
GND
Ground Pin Current, Note 6
I
OUT = 0mA
85
150
µA
I
OUT = 150mA
85
150
µA
PSRR
Power Supply Rejection
f = 120Hz, C
OUT = 10µF50
dB
I
LIM
Current Limit
V
OUT = 0V
160
300
mA
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 2.7V to 5.5V, regulator shutdown
0.8
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 2.7V to 5.5V, regulator enabled
1.6
1V
I
EN
Enable Input Current
V
IL ≤ 0.4V
0.01
µA
V
IH ≥ 1.6V
0.01
µA
Shutdown Resistance Discharge
500
Ω
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Error Flag
V
FLG
Low Threshold
% of V
OUT (Flag ON)
90
%
High Threshold
% of V
OUT (Flag OFF)
96
%
V
OL
Output Logic-Low Voltage
I
L = 100µA, fault condition
0.02
0.4
V
I
FL
Flag Leakage Current
flag off, V
FLG = 6V
0.01
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 5.
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.7V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.7V. Minimum
input operating voltage is 2.7V.
Note 6.
Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground
pin current.
Note 7.
The error flag is a function of the output voltage being 5% low and the detection of one of the following: overcurrent, overtemperature or
dropout. See “Applications Information” section for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com