Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7201 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC7201
Description  GainBlock??Difference Amplifier Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7201 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC7201 Datasheet HTML 1Page - Micrel Semiconductor MIC7201 Datasheet HTML 2Page - Micrel Semiconductor MIC7201 Datasheet HTML 3Page - Micrel Semiconductor MIC7201 Datasheet HTML 4Page - Micrel Semiconductor MIC7201 Datasheet HTML 5Page - Micrel Semiconductor MIC7201 Datasheet HTML 6Page - Micrel Semiconductor MIC7201 Datasheet HTML 7Page - Micrel Semiconductor MIC7201 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC7201
Micrel
MIC7201
6
December 1998
Applications Information
Input Common Mode Voltage
The MIC7201 tolerates overdriving the inputs by at least
300mV beyond either rail without producing phase inversion.
If the absolute maximum input voltage is exceeded, the input
current should be limited to
±5mA to prevent reducing reliabil-
ity. A 10k
Ω series input resistor, used as a current limiter will
protect the input structure from voltages as large as 50V
above the supply or below ground.
Output Voltage Swing
Output resistance of the MIC7201 is symmetric; sink and
source output resistances are equal. Output voltage swing is
determined by the load and, given the approximate output
resistance, which may be readily calculated with the following
formula:
R
V
I
OUT
DROP
LOAD
≈
V
DROP is the voltage dropped within the amplifier output
stage. V
DROP and ILOAD can be determined from the VOUT
(output swing) portion of the appropriate Electrical Character-
istics table. I
LOAD is equal to the typical output high voltage
minus V+/2 and divided by R
LOAD. For example, using the
Electrical Characteristics DC (5V) table, the typical output
voltage drop using a 2k
Ω load (connected to V+/2) is 0.015V,
which produces an I
LOAD of (2.5V – 0.015V) / 2kΩ ≈ 1.243mA.
Then:
R
15mV
1.243mA
1
OUT ==
≈
12 1
2
.
Ω
Driving Capacitive Loads
Driving a capacitive load introduces phase-lag into the output
signal, and this in turn reduces system phase margin. The
application that is least forgiving of reduced phase margin is
a unity gain amplifier. The MIC7201 typically can drive a
500pF capacitive load connected directly to its output.
VSUPPLY
DAC
0.1µF
0.1µF
IOUT
IOUT
Digital
Input
0.1µF
RL
0.1µF
VOUT
4.7µF
MIC7201
Figure 1. Audio DAC
IN+
OUT
50k
100k
V+
50k
50k
100k
IN–
V–
MIC7201
1
2
3
4
5
VIN
VV+
V
V
2
OUT
IN
=
Figure 2. Gain of One-Half
IN+
OUT
50k
100k
V+
50k
50k
100k
IN–
V–
MIC7201
1
2
3
4
5
VIN
VV+
VOUT = VIN
V
V+
2
Figure 3. Voltage Follower
IN+
OUT
50k
100k
V+
50k
50k
100k
IN–
V–
MIC7201
1
2
3
4
5
VV+
VOUT = –VIN
0.1µF
VIN
Figure 4. Inverting Unity Gain
IN+
OUT
50k
100k
V+
50k
50k
100k
IN–
V–
MIC7201
1
2
3
4
5
VV+
0.1µF
V
V
2
OUT
V+
=
Figure 5. Virtual Ground Generator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com