Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7201 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC7201
Description  GainBlock??Difference Amplifier Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7201 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC7201 Datasheet HTML 1Page - Micrel Semiconductor MIC7201 Datasheet HTML 2Page - Micrel Semiconductor MIC7201 Datasheet HTML 3Page - Micrel Semiconductor MIC7201 Datasheet HTML 4Page - Micrel Semiconductor MIC7201 Datasheet HTML 5Page - Micrel Semiconductor MIC7201 Datasheet HTML 6Page - Micrel Semiconductor MIC7201 Datasheet HTML 7Page - Micrel Semiconductor MIC7201 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
December 1998
5
MIC7201
MIC7201
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Output Voltage Swing
output high, R
L = 2k,
24
80
mV
Note 10
specified as V
V+ – VOUT
120
mV
output low, R
L = 2k
24
80
mV
120
mV
output high, R
L = 600Ω,80
mV
specified as V
V+ – VOUT
mV
output low, R
L = 600Ω
80
mV
mV
I
SC
Output Short-Circuit Current
sinking or sourcing, Note 6, Note 7
40
200
mA
BW
Bandwidth
–3dB point
250
kHz
SR
Slew Rate
0.5
V/
µs
THD
Total Harmonic Distortion
f = 1kHz
0.02
%
f = 10kHz
0.02
%
e
n
Input Referred Voltage Noise
f = 1kHz
30
nV Hz
/
I
S
Supply Current
no load
1.2
4.0
mA
Internal Op Amp Typical Characteristics
+2.2V
≤ V
V+ ≤ 10V, VV– = 0V, VCM = VOUT = V+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
0.11
mV
TCV
OS
Input Offset Voltage Drift
1.0
µV/°C
I
B
Input Bias Current
1.0
pA
I
OS
Input Offset Current
0.5
pA
R
IN
Input Resistance
>1
T
Ω
CMRR
Common-Mode Rejection Ratio
0V
≤ V
CM ≤ VV+
80
dB
V
CM
Input Common-Mode Voltage
input low
–0.3
V
input high
V
V++0.3
V
PSRR
Power Supply Rejection Ratio
V
V+ = VV– = 1.1V to 1.65V,
60
dB
V
CM = 0V
General Note: Devices are ESD protected; however, handling precautions are recommended. All limits guaranteed by testing or statistical analysis.
Note 1:
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when
operating the device outside its recommended operating ratings.
Note 2:
I/O pin voltage is any external voltage to which an input or output is referenced.
Note 3:
The maximum allowable power dissipation is a function of the maximum junction temperature, T
J(max); the junction-to-ambient thermal
resistance,
θ
JA; and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
P
D = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Note 4:
Thermal resistance,
θ
JA, applies to a part soldered on a printed-circuit board.
Note 5:
Human body model, 1.5k in series with 100pF.
Note 6:
Short circuit may cause the device to exceed maximum allowable power dissipation. See Note 3.
Note 7:
Shorting V
OUT to V+ when V+ > 10V may damage the device.
Note 8:
Limited by internal bias-network resistors. Power supply must be “clean.” Power supply should be bypassed as shown in typical application
circuit.
Note 9:
The gain error specification applies to differential, inverting, and noninverting gains.
Note 10: Since the part is specified in a single-supply configuration, the output load (R
L) is a Thevenin equivalent value. The actual load consists of 2 ×
R
L to ground and 2 × RL to the supply (V+).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com