Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7201 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC7201
Description  GainBlock??Difference Amplifier Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7201 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC7201 Datasheet HTML 1Page - Micrel Semiconductor MIC7201 Datasheet HTML 2Page - Micrel Semiconductor MIC7201 Datasheet HTML 3Page - Micrel Semiconductor MIC7201 Datasheet HTML 4Page - Micrel Semiconductor MIC7201 Datasheet HTML 5Page - Micrel Semiconductor MIC7201 Datasheet HTML 6Page - Micrel Semiconductor MIC7201 Datasheet HTML 7Page - Micrel Semiconductor MIC7201 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC7201
Micrel
MIC7201
4
December 1998
Electrical Characteristics (5V)
V
V+ = +5V, VV– = 0V, VCM = VOUT = V+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
E
Z
Zero Error
E
Z = VOUT – VV+/2
26
100
mV
TCV
OS
Input Offset Voltage Temp. Drift
14
µV/°C
R
IN
Input Resistance
35
50
65
k
Ω
CMRR
Common-Mode Rejection Ratio
V
CM = 0V to VV+
65
dB
±PSRR
Split-Supply Rejection Ratio
V
V+ = VV– = 2.5V to 5V,
50
dB
V
CM = 0V
+PSRR
Single-Supply Rejection Ratio,
V
V+ = 5V to 10V, VV– = 0V, VCM = 2.5V
6
dB
Note 8
E
G
Gain Error, Note 9
0.5V
≤ V
OUT ≤ 4.5V
±1%
V
OUT
Output Voltage Swing
output high, R
L = 2k,
15
50
mV
Note 10
specified as V
V+ – VOUT
75
mV
output low, R
L = 2k
15
50
mV
75
mV
output high, R
L = 600Ω,50
mV
specified as V
V+ – VOUT
mV
output low, R
L = 600Ω
50
mV
mV
I
SC
Output Short-Circuit Current
sinking or sourcing, Note 6, Note 7
40
110
mA
BW
Bandwidth
–3dB point
250
kHz
SR
Slew Rate
0.5
V/
µs
THD
Total Harmonic Distortion
f = 1kHz
0.02
%
f = 10kHz
0.02
%
e
n
Input Referred Voltage Noise
f = 1kHz
30
nV Hz
/
I
S
Supply Current
no load
0.8
2.8
mA
Electrical Characteristics (10V)
V
V+ = 10V, VV– = 0V, VCM = VOUT = V+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
E
Z
Zero Error
E
Z = VOUT – VV+/2
60
200
mV
TCV
OS
Input Offset Voltage Temp. Drift
14
µV/°C
R
IN
Input Resistance
35
50
65
k
Ω
CMRR
Common-Mode Rejection Ratio
V
CM = 0V to VV+
65
dB
±PSRR
Split-Supply Rejection Ratio
V
V+ = VV– = 2.5V to 5V,
50
dB
V
CM = 0V
+PSRR
Single-Supply Rejection Ratio,
V
V+ = 5V to 10V, VV– = 0V, VCM = 2.5V
6
dB
Note 8
E
G
Gain Error, Note 9
0.5V
≤ V
OUT ≤ 9.5V
±1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com