Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35071 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M35071
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35071 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M35071 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35071-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
8
Set division value (multiply value) of horizontal oscillation frequency.
N1 =
N1 : division value (multiply value)
DA
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Set display frequency range.
Display clock setting
See REGISTER SUPPLYMENTARY
DESCRIPTION (1)
EXCK1 : address12316
Alleviates continuous vertical jitters.
EXCK1
0
0
1
1
EXCK0
0
1
0
1
DIV0
DIV1
DIV2
DIV3
DIV4
DIV5
DIV6
DIV7
DIV8
DIV9
DIV10
DIVS0
DIVS1
VJT
10
Σ
n = 0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
0
1
REGISTERS DESCRIPTION
(1) Address 12016
Register
Status
Contents
Function
Remarks
(DIVn
× 2n)
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
Display clock input
External synchronous (external clock)
Internal synchronous
Do not set
External synchronous (internal clock)
It is used to "0A", normally.
For setting, see REGISTER SUPPLYMENTARY DESCRIPTION
(2).
Set display frequency by division value
(multiply value) setting.
For details, see REGISTER
SUPPLYMENTARY DESCRIPTION
(1).
Also, set the display frequency range by
registers DIVS0, DIVS1(address
12016), RSEL0(address 12116) and
RSEL1(address 12216) in accordance
with the display frequency.
Any of this settings above is required
only when EXCK1 = 0, EXCK0 = 1 and
EXCK1 = 1, EXCK0 = 1.
EXCK0
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com