Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35071 Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part # M35071
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35071 Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M35071 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35071-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
12
(5) Address 12416
Sets the display mode of line 1.
Sets the display mode of line 2.
Sets the display mode of line 3.
Sets the display mode of line 4.
Sets the display mode of line 5.
Sets the display mode of line 6.
Sets the display mode of line 7.
Sets the display mode of line 8.
Sets the display mode of line 9.
Sets the display mode of line 10.
Sets the display mode of line 11.
Sets the display mode of line 12.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
(Note 3)
(Note 3)
Remarks
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
DSP0
DSP1
DSP2
DSP3
DSP4
DSP5
DSP6
DSP7
DSP8
DSP9
DSP10
DSP11
TEST4
TEST5
TEST9
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Can not be used.
It should be fixed to “1”.
BLK1
0
0
1
1
BLK0
0
1
0
1
DSPn= “0”
Matrix-outline border
Character
Border
Matrix-outline
DSPn= “1”
Matrix-outline
Border
Matrix-outline
Character
(At register BCOL = “0”)
For detail, see DISPLAY FORM1(1).
The display mode (blanking mode) for line n on the display
screen is set line-by-line, using DSPn (n = 0 to 11).
The display mode is determined by the combination of registers
BLK1 and BLK0 (address 12816). Settings are given below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com