Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35071 Datasheet(PDF) 19 Page - Mitsubishi Electric Semiconductor

Part # M35071
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35071 Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Back Button M35071 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35071 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35071-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
19
Fig. 5
Display form
DISPLAY FORM 1
M35071-XXXSP/FP has the following four display forms.
(1) Blanking mode
Character size
: Blanking same as the character size.
Border size
: Blanking the background as a size from character.
Matrix-outline size
: Blanking the background 12
× 18 dot.
All blanking size
: When set register BCOL to “1”, all raster area is blanking.
The display mode and blanking mode can be set line-by-line, as fol-
lows, from registers BCOL, BLK1, BLK0 (address 12816), DSP0 to
DSP11 (address 12416).
BCOL
BLK1
0
0
1
1
0
0
1
1
BLK0
0
1
0
1
0
1
0
1
Line of DSPn = “1”
Line of DSPn = “0”
0
1
Display mode
All matrix-outline border display
Character display
Border display
All matrix-outline display
All matrix-outline border display
Character display
Border display
All matrix-outline display
Blanking mode
All matrix-outline size
Character size
Border size
All matrix-outline size
All blanking size
Display mode
All matrix-outline display
Border display
All matrix-outline display
Character display
All matrix-outline display
Border display
All matrix-outline display
Character display
Blanking mode
All matrix-outline size
Border size
All matrix-outlinesize
Character size
All blanking size
12 dots (Note 2)
12 dots
12 dots
12 dots (Note 2)
Scanning
<Register BCOL=“0”>
(Note 1)
R,GorB output
BLNK0 output
color setting
Character color: R,G,B of display RAM
(Character unit)
Border color
:Register FR,FG,FB
(Display unit)
Matrix-outline color :BR,BG,BB of display RAM
(Character unit)
(a) Matrix-outline and border
display (Matrix-outline size)
Character color : R,G,B of display RAM
(Character unit)
Matrix-outline color :BR,BG,BB of display
RAM (Character unit)
(d) Matrix-outline display
(Matrix-outline size)
( ) is blankin mode.
Character color : R,G,B of display RAM
(Character unit)
Matrix-outline color :BR,BG,BB of display
RAM (Character unit)
(c) Border display
(Border size)
Character color : R,G,B of display RAM
(Character unit)
(b) Character display
(Character size)
Note 1. When register BCOL is set to “1”, the raster range of the display modes set respectively by BLK1 and BLK0 are colored by registers RR, RG, and RB
(address 12716). And the blanking mode is set all blanking size (all raster size) regardless of the BLK1 and BLK0 settings.
Note 2. The horizontal size of the full matrix-outline size can be set to 14 dots by register BETA14 (address 12716). BLNK0 can also be output at 14 dots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com