Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S318 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S318
Description  5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S318 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S318 Datasheet HTML 1Page - Micrel Semiconductor SY100S318 Datasheet HTML 2Page - Micrel Semiconductor SY100S318 Datasheet HTML 3Page - Micrel Semiconductor SY100S318 Datasheet HTML 4Page - Micrel Semiconductor SY100S318 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BLOCK DIAGRAM
D1a
D2a
D3a
D4a
D5a
D1b
D2b
D3b
D4b
O
O
D1c
D2c
D3c
D4c
D1d
D2d
D3d
D4d
D1e
D2e
SY100S318
5-WIDE 5, 4, 4, 4, 2
OA/OAI GATE
FEATURES
PIN CONFIGURATIONS
DESCRIPTION
Pin
Function
Dna – Dne
Data Inputs (n = 1...5)
O – O
Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES
O
O
VCCA
VCC
D2e
VCC
D2b
VEE
D4b
D3b
D1c
VEES
4
3
2
1
28
27
12
13
14
15
16
17
19
11
20
10
21
9
22
8
23
7
24
6
Top View
PLCC
J28-1
D1e
D2c
26
18
25
5
D1b
D5a
D4a
D3a
D1a
D2a
D3c
D1d
D3d
D4c
D4d
D2d
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
Rev.: G
Amendment: /0
Issue Date:
July, 1999
s Max. propagation delay of 800ps
s IEE min. of –55mA
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for
improved noise immunity
s Internal 75K
Ω input pull-down resistors
s 70% faster than Fairchild
s 40% lower power than Fairchild
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
The SY100S318 is an ultra-fast 5-wide 5, 4, 4, 4, 2 OR/
AND gate with both true and complementary outputs,
designed for use in high-performance ECL systems. The
inputs on this device have 75K
Ω pull-down resistors.
1


Similar Part No. - SY100S318

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S318 MICREL-SY100S318 Datasheet
85Kb / 6P
5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318 MICREL-SY100S318 Datasheet
78Kb / 4P
5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318FC MICREL-SY100S318FC Datasheet
85Kb / 6P
5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318FCTR MICREL-SY100S318FCTR Datasheet
85Kb / 6P
5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318JC MICREL-SY100S318JC Datasheet
85Kb / 6P
5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
More results

Similar Description - SY100S318

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10109 ONSEMI-MC10109 Datasheet
100Kb / 5P
Dual 4-5-Input OR/NOR Gate
1996 REV 5
MC10H109 ONSEMI-MC10H109 Datasheet
94Kb / 3P
Dual 4-5-Input OR/NOR Gate
REV 5
logo
Micrel Semiconductor
SY100S317 MICREL-SY100S317 Datasheet
96Kb / 5P
TRIPLE 2-WIDE OA/OAI GATE
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
DUAL 4-5-INPUT OR/NOR GATE
logo
NXP Semiconductors
100118 PHILIPS-100118 Datasheet
248Kb / 5P
Quint 2-4-4-4-5 Input OR-AND Gate
June 14 1990
logo
Micrel Semiconductor
SY100S317 MICREL-SY100S317_06 Datasheet
86Kb / 6P
TRIPLE 2-WIDE OA/OAI GATE
SY100S318 MICREL-SY100S318_06 Datasheet
85Kb / 6P
5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318 MICREL-SY100S318_07 Datasheet
78Kb / 4P
5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S317 MICREL-SY100S317_07 Datasheet
79Kb / 4P
TRIPLE 2-WIDE OA/OAI GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com