Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S318 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S318
Description  5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S318 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S318 Datasheet HTML 1Page - Micrel Semiconductor SY100S318 Datasheet HTML 2Page - Micrel Semiconductor SY100S318 Datasheet HTML 3Page - Micrel Semiconductor SY100S318 Datasheet HTML 4Page - Micrel Semiconductor SY100S318 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100S318
Micrel
TIMING DIAGRAM
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY100S318FC
F24-1
Commercial
SY100S318JC
J28-1
Commercial
SY100S318JCTR
J28-1
Commercial
Propagation Delay and Transition Times
20%
80%
OUTPUT
INPUT
50%
tPLH
tPHL
50%
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
TRUE
COMPLEMENT
0.7
± 0.1 ns
0.7
± 0.1 ns
–0.95V
–1.69V
NOTE:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com