Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S318 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100S318
Description  5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S318 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100S318 Datasheet HTML 1Page - Micrel Semiconductor SY100S318 Datasheet HTML 2Page - Micrel Semiconductor SY100S318 Datasheet HTML 3Page - Micrel Semiconductor SY100S318 Datasheet HTML 4Page - Micrel Semiconductor SY100S318 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY100S318
Micrel
LOGIC EQUATION
O = (D1a + D2a + D3a + D4a + D5a)
(D1b + D2b + D3b + D4b)
(D1c + D2c + D3c + D4c)
(D1d + D2d + D3d + D4d)
(D1e + D2e)
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
——
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–55
–41
–25
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
PLCC
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
800
300
800
300
800
ps
tPHL
Data to Output
tTLH
Transition Time
200
900
200
900
200
900
ps
tTHL
20% to 80%, 80% to 20%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
900
300
900
300
900
ps
tPHL
Data to Output
tTLH
Transition Time
200
900
200
900
200
900
ps
tTHL
20% to 80%, 80% to 20%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com