Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890M/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4890M/NOPB Datasheet HTML 1Page - Texas Instruments LM4890M/NOPB Datasheet HTML 2Page - Texas Instruments LM4890M/NOPB Datasheet HTML 3Page - Texas Instruments LM4890M/NOPB Datasheet HTML 4Page - Texas Instruments LM4890M/NOPB Datasheet HTML 5Page - Texas Instruments LM4890M/NOPB Datasheet HTML 6Page - Texas Instruments LM4890M/NOPB Datasheet HTML 7Page - Texas Instruments LM4890M/NOPB Datasheet HTML 8Page - Texas Instruments LM4890M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
RIN
CIN
Rf
20k
20k
10k
10k
SW
250k
250k
500k
CBYPASS
1PF
15pF
20k
20k
0.39PF
Shutdown
Control
VIH
VIL
Audio
Input
VDD
CS
1PF
GND
VOUT1
-
VOUT2
+
RL
8:
A2
A1
LM4890
www.ti.com
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
Typical Application
Figure 7. Typical Audio Amplifier Application Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com