Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890M/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890M/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890M/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4890M/NOPB Datasheet HTML 1Page - Texas Instruments LM4890M/NOPB Datasheet HTML 2Page - Texas Instruments LM4890M/NOPB Datasheet HTML 3Page - Texas Instruments LM4890M/NOPB Datasheet HTML 4Page - Texas Instruments LM4890M/NOPB Datasheet HTML 5Page - Texas Instruments LM4890M/NOPB Datasheet HTML 6Page - Texas Instruments LM4890M/NOPB Datasheet HTML 7Page - Texas Instruments LM4890M/NOPB Datasheet HTML 8Page - Texas Instruments LM4890M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM4890
www.ti.com
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
LM4890
1 Watt Audio Power Amplifier
Check for Samples: LM4890
1
FEATURES
DESCRIPTION
The LM4890 is an audio power amplifier primarily
2
•
Available in Space-Saving Packages: DSBGA,
designed
for
demanding
applications
in
mobile
VSSOP, SOIC, and WSON
phones and other portable communication device
•
Ultra Low Current Shutdown Mode
applications. It is capable of delivering 1 watt of
•
BTL Output Can Drive Capacitive Loads
continuous average power to an 8
Ω BTL load with
less than 1% distortion (THD+N) from a 5VDC power
•
Improved Pop & Click Circuitry Eliminates
supply.
Noises During Turn-On and Turn-Off
Transitions
Boomer
audio
power
amplifiers
were
designed
specifically to provide high quality output power with a
•
2.2 - 5.5V Operation
minimal
amount
of
external
components.
The
•
No Output Coupling Capacitors, Snubber
LM4890 does not require output coupling capacitors
Networks or Bootstrap Capacitors Required
or bootstrap capacitors, and therefore is ideally suited
•
Thermal Shutdown Protection
for mobile phone and other low voltage applications
where minimal power consumption is a primary
•
Unity-Gain Stable
requirement.
•
External Gain Configuration Capability
The LM4890 features a low-power consumption
shutdown mode, which is achieved by driving the
APPLICATIONS
shutdown pin with logic low. Additionally, the LM4890
•
Mobile Phones
features an internal thermal shutdown protection
•
PDAs
mechanism.
•
Portable Electronic Devices
The LM4890 contains advanced pop & click circuitry
which eliminates noises which would otherwise occur
KEY SPECIFICATIONS
during turn-on and turn-off transitions.
•
PSRR at 217Hz, VDD = 5V (Fig. 1): 62dB(typ.)
The
LM4890
is
unity-gain
stable
and
can
be
configured by external gain-setting resistors.
•
Power Output at 5.0V & 1% THD: 1W(typ.)
•
Power Output at 3.3V & 1% THD: 400mW(typ.)
•
Shutdown Current: 0.1
μA(typ.)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4890M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890M NSC-LM4890M Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
LM4890MM NSC-LM4890MM Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
More results

Similar Description - LM4890M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
1 Watt Audio Power Amplifier
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
1 Watt Audio Power Amplifier
LM4891 NSC-LM4891 Datasheet
733Kb / 20P
1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
EUA4890A EUTECH-EUA4890A Datasheet
317Kb / 13P
1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com