Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890M/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890M/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890M/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4890M/NOPB Datasheet HTML 1Page - Texas Instruments LM4890M/NOPB Datasheet HTML 2Page - Texas Instruments LM4890M/NOPB Datasheet HTML 3Page - Texas Instruments LM4890M/NOPB Datasheet HTML 4Page - Texas Instruments LM4890M/NOPB Datasheet HTML 5Page - Texas Instruments LM4890M/NOPB Datasheet HTML 6Page - Texas Instruments LM4890M/NOPB Datasheet HTML 7Page - Texas Instruments LM4890M/NOPB Datasheet HTML 8Page - Texas Instruments LM4890M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM4890
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage(3)
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(4)
Internally Limited
ESD Susceptibility(5)
2000V
Junction Temperature
150°C
Thermal Resistance
θJC (SOIC)
35°C/W
θJA (SOIC)
150°C/W
θJA (8 Bump DSBGA,
(6))
220°C/W
θJA (9 Bump DSBGA,
(6))
180°C/W
θJC (VSSOP)
56°C/W
θJA (VSSOP)
190°C/W
θJA (WSON)
220°C/W
Soldering Information
See AN-1112 (SNVA009) "DSBGA Wafers Level Chip
Scale Package."
See AN-1187 (SNOA401) "Leadless Leadframe
Package (WSON)."
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
If the product is in shutdown mode and VDD exceeds 6V (to a max of 8V VDD), then most of the excess current will flow through the ESD
protection circuits. If the source impedance limits the current to a max of 10 ma, then the part will be protected. If the part is enabled
when VDD is greater than 5.5V and less than 6.5V, no damage will occur, although operational life will be reduced. Operation above
6.5V with no current limit will result in permanent damage.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4890, see power derating curves for additional information.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(6)
All bumps have the same thermal resistance and contribute equally when used to lower thermal resistance. All bumps must be
connected to achieve specified thermal resistance.
Operating Ratings
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.2V
≤ VDD ≤ 5.5V
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com