Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY604JC Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY604JC
Description  125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY604JC Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY604JC Datasheet HTML 1Page - Micrel Semiconductor SY604JC Datasheet HTML 2Page - Micrel Semiconductor SY604JC Datasheet HTML 3Page - Micrel Semiconductor SY604JC Datasheet HTML 4Page - Micrel Semiconductor SY604JC Datasheet HTML 5Page - Micrel Semiconductor SY604JC Datasheet HTML 6Page - Micrel Semiconductor SY604JC Datasheet HTML 7Page - Micrel Semiconductor SY604JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SY604
Micrel
Ordering
Package
Operating
Code
Type
Range
SY604JC
J28-1
Commercial
SY604JCTR
J28-1
Commercial
PRODUCT ORDERING CODE
APPLICATION DIAGRAM
Location
Description
Vendor Part Number
C1–C4
0.1
µF ceramic capacitor
Erie RPE112Z5U104M50V
REXT
1% metal film resistor
CB301210
(selected for proper Tspan)
Dale CMF-55C
Figure 3. Typical Connection Diagram and Parts List.
NOTE:
The vendor numbers above are listed only as a guide. Substitution of devices with similar characteristics will not affect the performance of the SY604.
All devices should be as close as possible to the SY604.
REXT Calculation:
REXT = (VEXT + 1.25V)/IEXT
For Example:
If Tspan is around 15ns, then IEXT is around 0.6mA, (see DC Characteristic Table) and assume IEXT pin is tied
to VCC with the resistor.
= 0 + 1.25V/0.6mA
= 2.08K ohm
REXT
SY604
VEE1
VEE0
COMP1
COMP2
VCC
IEXT
OUT
OUT*
ZO = 50
Ω
–2.0V
50
Ω
ZO = 50
Ω
–2.0V
50
Ω
VEXT
REXT
I
–5.2V
GROUND
C3
C4
C2
C1
50
Ω
TRIG
ZO = 50
Ω
–2.0V
50
Ω
TRIG
ZO = 50
Ω
–2.0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com