Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY604JC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY604JC
Description  125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY604JC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY604JC Datasheet HTML 1Page - Micrel Semiconductor SY604JC Datasheet HTML 2Page - Micrel Semiconductor SY604JC Datasheet HTML 3Page - Micrel Semiconductor SY604JC Datasheet HTML 4Page - Micrel Semiconductor SY604JC Datasheet HTML 5Page - Micrel Semiconductor SY604JC Datasheet HTML 6Page - Micrel Semiconductor SY604JC Datasheet HTML 7Page - Micrel Semiconductor SY604JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY604
Micrel
D0 – D7
Data input pins (ECL compatible). On the rising edge of TRIG,
a ramp is initiated whereupon D0-D7 are latched into the
device. D0 is the LSB. These inputs specify the amount of
delay from the rising edge of TRIG to the output pulse.
CE
Chip enable input (ECL compatible). CE must be a logical
zero on the rising edge of TRIG to enable the device to
respond to the trigger. If CE is floating, the trigger will always
be enabled.
TRIG, TRIG
Differential trigger inputs (ECL compatible). The rising edge
of TRIG is used to trigger the delay cycle if CE is a logical zero.
If CE is a logical one, no operation occurs. It is recommended
that triggering be performed with differential inputs.
PIN DESCRIPTION
OUT, OUT
Differential outputs (ECL compatible).
IEXT
Current reference pin. The amount of current sourced into this
pin determines the span of output delay. The voltage at IEXT
is typically –1.25V.
COMP1, COMP2
Compensation pins.
A 0.1
µF ceramic capacitor must be
connected between COMP1 and VEE0, and COMP2 and VEE0
(see Figure 3).
VEE
Device power. All VEE pins must be connected.
VCC
Device ground. All VCC pins must be connected together.
VBB
A –1.36V (typical) output.
FUNCTIONAL DESCRIPTION
The output pulse generation cycle begins with the arrival of
TRIG shown in Figure 1. When TRIG transitions to a high and
CE is low, the values on D0 - D7 are latched, thereby setting
the DAC values. Simultaneously with the latching of D0 - D7,
the linear ramp generator is enabled.
Figure 1.
When
the
ramp
level reaches that of the DAC, the
comparator initiates the pulse generator to produce an output
pulse of fixed width. The generation of an output pulse resets
the ramp and the cycle is ready to begin again.
CE
TRIG
OUT
D0 - D7
DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com