Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY604JC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY604JC
Description  125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY604JC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY604JC Datasheet HTML 1Page - Micrel Semiconductor SY604JC Datasheet HTML 2Page - Micrel Semiconductor SY604JC Datasheet HTML 3Page - Micrel Semiconductor SY604JC Datasheet HTML 4Page - Micrel Semiconductor SY604JC Datasheet HTML 5Page - Micrel Semiconductor SY604JC Datasheet HTML 6Page - Micrel Semiconductor SY604JC Datasheet HTML 7Page - Micrel Semiconductor SY604JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY604
Micrel
60
70
80
90
100 110 120 130
9
8
7
6
5
4
3
2
Frequency (MHz)
±±±± 1 LSB
Span vs. Trigger Rates
INL
- 0.92LSB
INL
- 0.86LSB
INL
- 0.9LSB
INL
- 1.14LSB
Figure 2.
TIMING DIAGRAMS
tWI
DATA
DELAY
TRIG
CE
D0 - D7
OUT
tSU
tH
tWO
tS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com