Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02IP Datasheet(PDF) 6 Page - Microchip Technology

Part # 24AA02IP
Description  1K/2K 1.8V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02IP Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24AA02IP Datasheet HTML 2Page - Microchip Technology 24AA02IP Datasheet HTML 3Page - Microchip Technology 24AA02IP Datasheet HTML 4Page - Microchip Technology 24AA02IP Datasheet HTML 5Page - Microchip Technology 24AA02IP Datasheet HTML 6Page - Microchip Technology 24AA02IP Datasheet HTML 7Page - Microchip Technology 24AA02IP Datasheet HTML 8Page - Microchip Technology 24AA02IP Datasheet HTML 9Page - Microchip Technology 24AA02IP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
24AA01/02
DS21052F-page 6
© 1996 Microchip Technology Inc.
5.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the stop condition for a write com-
mand has been issued from the master, the device ini-
tiates the internally timed write cycle. ACK polling can
be initiated immediately. This involves the master send-
ing a start condition followed by the control byte for a
write command (R/W = 0). If the device is still busy with
the write cycle, then no ACK will be returned. If the
cycle is complete, then the device will return the ACK
and the master can then proceed with the next read or
write command. See Figure 5-1 for flow diagram.
FIGURE 5-1:
ACKNOWLEDGE POLLING
FLOW
6.0
WRITE PROTECTION
The 24AA01/02 can be used as a serial ROM when the
WP pin is connected to VCC. Programming will be inhib-
ited and the entire memory will be write-protected.
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes
7.0
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
slave address is set to one. There are three basic types
of read operations: current address read, random read,
and sequential read.
7.1
Current Address Read
The 24AA01/02 contains an address counter that main-
tains the address of the last word accessed, internally
incremented by one. Therefore, if the previous access
(either a read or write operation) was to address n, the
next current address read operation would access data
from address n + 1. Upon receipt of the slave address
with R/W bit set to one, the 24AA01/02 issues an
acknowledge and transmits the eight bit data word. The
master will not acknowledge the transfer but does gen-
erate a stop condition and the 24AA01/02 discontinues
transmission (Figure 7-1).
7.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24AA01/02 as part of a write operation. After the word
address is sent, the master generates a start condition
following the acknowledge. This terminates the write
operation, but not before the internal address pointer is
set. Then the master issues the control byte again but
with the R/W bit set to a one. The 24AA01/02 will then
issue an acknowledge and transmits the eight bit data
word. The master will not acknowledge the transfer but
does generate a stop condition and the 24AA01/02 dis-
continues transmission (Figure 7-2).
7.3
Sequential Read
Sequential reads are initiated in the same way as a ran-
dom read except that after the 24AA01/02 transmits the
first data byte, the master issues an acknowledge as
opposed to a stop condition in a random read. This
directs the 24AA01/02 to transmit the next sequentially
addressed 8-bit word (Figure 7-3).
To provide sequential reads the 24AA01/02 contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation.
7.4
Noise Protection
The 24AA01/02 employs a VCC threshold detector cir-
cuit which disables the internal erase/write logic if the
VCC is below 1.5 volts at nominal conditions.
The SCL and SDA inputs have Schmitt trigger and filter
circuits which suppress noise spikes to assure proper
device operation even on a noisy bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com