Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02IP Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA02IP
Description  1K/2K 1.8V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02IP Datasheet(HTML) 2 Page - Microchip Technology

  24AA02IP Datasheet HTML 1Page - Microchip Technology 24AA02IP Datasheet HTML 2Page - Microchip Technology 24AA02IP Datasheet HTML 3Page - Microchip Technology 24AA02IP Datasheet HTML 4Page - Microchip Technology 24AA02IP Datasheet HTML 5Page - Microchip Technology 24AA02IP Datasheet HTML 6Page - Microchip Technology 24AA02IP Datasheet HTML 7Page - Microchip Technology 24AA02IP Datasheet HTML 8Page - Microchip Technology 24AA02IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24AA01/02
DS21052F-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VCC +1.0V
Storage temperature .....................................-65
°C to +150°C
Ambient temp. with power applied ............. -65
°C to +125°CC
Soldering temperature of leads (10 seconds) ............. +300
°C
ESD protection on all pins
..................................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
VSS
Ground
SDA
Serial Address/Data/I/O
SCL
Serial Clock
WP
Write Protect Input
VCC
+1.8V to 5.5V Power Supply
A0, A1, A2
No Internal Connection
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
VCC = +1.8V to +5.5V
Commercial (C): Tamb = 0
°C to +70°C
Industrial (I):
Tamb = -40
°C to +85°C
Parameter
Symbol
Min
Typ
Max
Units
Conditions
WP, SCL and SDA pins:
High level input voltage
Low level input voltage
Hysteresis of Schmitt trigger
inputs
Low level output voltage
VIH
VIL
VHYS
VOL
.7 VCC
—
.05 VDD
—
—
—
—
—
—
.3 VCC
—
.40
V
V
V
V
(Note)
IOL = 3.0 mA, VCC = 1.8V
Input leakage current
ILI
-10
—
10
µAVIN = .1V to 5.5V
Output leakage current
ILO
-10
—
10
µAVOUT = .1V to 5.5V
Pin capacitance
(all inputs/outputs)
CIN,
COUT
—
—
10
pF
Vcc = 5.0V (Note 1)
Tamb = 25˚C, FLCK = 1 MHz
Operating current
ICC Write
ICC Read
—
—
—
—
—
0.5
—
0.05
3
—
1
—
mA
mA
mA
mA
VCC = 5.5V, SCL = 400 kHz
VCC = 1.8V, SCL = 100 kHz
VCC = 5.5V, SCL = 400 kHz
VCC = 1.8V, SCL = 100 kHz
Standby current
ICCS
—
—
—
—
—
3
100
30
—
µA
µA
µA
VCC = 5.5V, SDA = SCL = VCC
VCC = 3.0V, SDA = SCL = VCC
VCC = 1.8V, SDA = SCL = VCC
Note:This parameter is periodically sampled and not 100% tested.
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com