Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02IP Datasheet(PDF) 7 Page - Microchip Technology

Part # 24AA02IP
Description  1K/2K 1.8V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02IP Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24AA02IP Datasheet HTML 3Page - Microchip Technology 24AA02IP Datasheet HTML 4Page - Microchip Technology 24AA02IP Datasheet HTML 5Page - Microchip Technology 24AA02IP Datasheet HTML 6Page - Microchip Technology 24AA02IP Datasheet HTML 7Page - Microchip Technology 24AA02IP Datasheet HTML 8Page - Microchip Technology 24AA02IP Datasheet HTML 9Page - Microchip Technology 24AA02IP Datasheet HTML 10Page - Microchip Technology 24AA02IP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21052F-page 7
24AA01/02
FIGURE 7-1:
CURRENT ADDRESS READ
FIGURE 7-2:
RANDOM READ
FIGURE 7-3:
SEQUENTIAL READ
SP
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
DATA n
A
C
K
N
O
A
C
K
S
P
S
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
A
C
K
WORD
ADDRESS (n)
CONTROL
BYTE
S
T
A
R
T
DATA (n)
A
C
K
A
C
K
N
O
A
C
K
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
O
P
CONTROL
BYTE
A
C
K
N
O
A
C
K
DATA n
DATA n + 1
DATA n + 2
DATA n + X
A
C
K
A
C
K
A
C
K
8.0
PIN DESCRIPTIONS
8.1
SDA Serial Address/Data Input/Output
This is a bi-directional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pullup
resistor to VCC (typical 10K
Ω for 100 kHz, 1K for 400
kHz).
For normal data transfer SDA is allowed to change only
during SCL low.
Changes during SCL high are
reserved for indicating the START and STOP condi-
tions.
8.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
8.3
WP
This pin must be connected to either VSS or VCC.
If tied to VSS, normal memory operation is enabled
(read/write the entire memory).
If tied to VCC, WRITE operations are inhibited. The
entire memory will be write-protected. Read operations
are not affected.
This feature allows the user to use the 24AA01/02 as a
serial ROM when WP is enabled (tied to VCC).
8.4
A0, A1, A2
These pins are not used by the 24AA01/02. They may
be left floating or tied to either VSS or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com