Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01C Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C01C
Description  1K 5.0V I 2 C ??Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C Datasheet(HTML) 3 Page - Microchip Technology

  24C01C Datasheet HTML 1Page - Microchip Technology 24C01C Datasheet HTML 2Page - Microchip Technology 24C01C Datasheet HTML 3Page - Microchip Technology 24C01C Datasheet HTML 4Page - Microchip Technology 24C01C Datasheet HTML 5Page - Microchip Technology 24C01C Datasheet HTML 6Page - Microchip Technology 24C01C Datasheet HTML 7Page - Microchip Technology 24C01C Datasheet HTML 8Page - Microchip Technology 24C01C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
24C01C
© 1997 Microchip Technology Inc.
Preliminary
DS21201A-page 3
TABLE 1-3:
AC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING DATA
All parameters apply across the specified oper-
ating ranges unless otherwise noted.
Vcc = 4.5V to 5.5V
Commercial (C):
Tamb =
0
°C to +70°C
Industrial (I):
Tamb = -40
°C to +85°C
Automotive (E):
Tamb = -40
°C to +125°C
Parameter
Symbol
Tamb
> +85°C -40°C ≤Tamb ≤ +85°C
Units
Remarks
Min.
Max.
Min.
Max.
Clock frequency
FCLK
100
400
kHz
Clock high time
THIGH
4000
600
ns
Clock low time
TLOW
4700
1300
ns
SDA and SCL rise time
TR
1000
300
ns
(Note 1)
SDA and SCL fall time
TF
300
300
ns
(Note 1)
START condition hold time
THD:STA
4000
600
ns
After this period the first
clock pulse is generated
START condition setup time
TSU:STA
4700
600
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0
0
ns
(Note 2)
Data input setup time
TSU:DAT
250
100
ns
STOP condition setup time
TSU:STO
4000
600
ns
Output valid from clock
TAA
3500
900
ns
(Note 2)
Bus free time
TBUF
4700
1300
ns
Time the bus must be free
before a new transmission
can start
Output fall time from VIH
minimum to VIL maximum
TOF
250
20 +0.1 CB
250
ns
(Note 1), CB ≤ 100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
50
50
ns
(Note 3)
Write cycle time
TWR
1.5
1
ms
Byte or Page mode
Endurance
1M
1M
cycles 25
°C, VCC = 5.0V, Block
Mode (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
3: The combined TSP and VHYS specifications are due to Schmitt trigger inputs which provide improved noise
spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.
SCL
SDA
IN
TSU:STA
SDA
OUT
THD:STA
TLOW
THIGH
TR
TBUF
TAA
THD:DAT
TSU:DAT
TSU:STO
TSP
TF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com