Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01C Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C01C
Description  1K 5.0V I 2 C ??Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C Datasheet(HTML) 1 Page - Microchip Technology

  24C01C Datasheet HTML 1Page - Microchip Technology 24C01C Datasheet HTML 2Page - Microchip Technology 24C01C Datasheet HTML 3Page - Microchip Technology 24C01C Datasheet HTML 4Page - Microchip Technology 24C01C Datasheet HTML 5Page - Microchip Technology 24C01C Datasheet HTML 6Page - Microchip Technology 24C01C Datasheet HTML 7Page - Microchip Technology 24C01C Datasheet HTML 8Page - Microchip Technology 24C01C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS21201A-page 1
M
24C01C
FEATURES
• Single supply with operation from 4.5 to 5.5V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
• Organized as a single block of 128 bytes (128 x 8)
• 2-wire serial interface bus, I2C compatible
• 100kHz and 400 kHz compatibility
• Page-write buffer for up to 16 bytes
• Self-timed write cycle (including auto-erase)
• Fast 1 mS write cycle time for byte or page mode
• Address lines allow up to eight devices on bus
• 1,000,000 erase/write cycles guaranteed
• ESD protection > 4,000V
• Data retention > 200 years
• 8-pin PDIP, SOIC or TSSOP packages
• Available for extended temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24C01C is a 1K bit
Serial Electrically Erasable PROM with a voltage range
of 4.5V to 5.5V. The device is organized as a single
block of 128 x 8-bit memory with a 2-wire serial inter-
face. Low current design permits operation with typical
standby and active currents of only 10
µA and 1 mA
respectively. The device has a page-write capability for
up to 16 bytes of data and has fast write cycle times of
only 1 mS for both byte and page writes. Functional
address lines allow the connection of up to eight
24C01C devices on the same bus for up to 8K bits of
contiguous EEPROM memory. The device is available
in the standard 8-pin PDIP, 8-pin SOIC (150 mil), and
TSSOP packages.
PACKAGE TYPES
BLOCK DIAGRAM
- Commercial (C):
0
°C to +70°C
- Industrial (I):
-40
°C to +85°C
- Automotive (E)
-40
°C to +125°C
PDIP/SOIC
TSSOP
A0
A1
A2
Vss
Vcc
TEST
SCL
SDA
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
TEST
SCL
SDA
1
2
3
4
8
7
6
5
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
YDEC
Vcc
Vss
SENSE AMP
R/W CONTROL
SDA SCL
A0 A1 A2
1K 5.0V I2C™ Serial EEPROM
I2C is a trademark of Philips Corporation.


Similar Part No. - 24C01C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01C MICROCHIP-24C01C Datasheet
521Kb / 30P
1K 5.0V I2C??Serial EEPROM
2008
24C01C-E/MC MICROCHIP-24C01C-E/MC Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
24C01C-E/MC MICROCHIP-24C01C-E/MC Datasheet
521Kb / 30P
1K 5.0V I2C??Serial EEPROM
2008
24C01C-E/MNY MICROCHIP-24C01C-E/MNY Datasheet
521Kb / 30P
1K 5.0V I2C??Serial EEPROM
2008
24C01C-E/MS MICROCHIP-24C01C-E/MS Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
More results

Similar Description - 24C01C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
4K 5.0V I 2 C ??Serial EEPROM
2004
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
1K 5.0V Microwire Serial EEPROM
1996
24C01C MICROCHIP-24C01C_08 Datasheet
521Kb / 30P
1K 5.0V I2C??Serial EEPROM
2008
24C01CSN MICROCHIP-24C01CSN Datasheet
978Kb / 36P
1K 5.0V I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com