Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01C Datasheet(PDF) 12 Page - Microchip Technology

Part # 24C01C
Description  1K 5.0V I 2 C ??Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24C01C Datasheet HTML 4Page - Microchip Technology 24C01C Datasheet HTML 5Page - Microchip Technology 24C01C Datasheet HTML 6Page - Microchip Technology 24C01C Datasheet HTML 7Page - Microchip Technology 24C01C Datasheet HTML 8Page - Microchip Technology 24C01C Datasheet HTML 9Page - Microchip Technology 24C01C Datasheet HTML 10Page - Microchip Technology 24C01C Datasheet HTML 11Page - Microchip Technology 24C01C Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Inf or mation contained in this publication regarding d
evice applications and the like is intended
f or suggestion only and may b e
superseded by updates . No representation or
warranty is gi
v en and no liability is assumed by Microchi
p Technology Inco r porated with respect to the accu
r acy or use of suc h
inf or mation, or inf r ingement of patents or other
intellectual prope
r ty r ights a r ising from such use or otherwis
e. Use of Microchip ’ s products as c r itical components in li
f e sup
por t systems is not autho
r i zedexcept with express
wr itten appro v al by Microchi p. No licenses are con v eyed, implicitly or otherwise, under any intellectual prope
r ty r ight s.The M
icrochip logo and name are registered t r ademar ks
of Microchi p Technology Inc . in the U.S.A. and other count r ies. All
r ights rese r v ed. All other tradema
r ks mentioned herein ar e
the prope r ty of their respective companies.
DS21201A-page 12
Preliminary
© 1997 Microchip Technology Inc.
WORLDWIDE SALES & SERVICE
AMERICAS
Corporate Office
Microchip Technolog y Inc.
2355 West Chandler Blvd.
Chandle r , AZ 85224-6199
Tel : 602-786-7200 F ax: 602-786-7277
Technical Support: 602 786-7627
Web: http://ww w.microchi p.com
Atlanta
Microchip Technolog y Inc.
500 Sugar Mill Road, Suite 200B
Atlanta, GA 30350
Tel : 770-640-0034 F ax: 770-640-0307
Boston
Microchip Technolog y Inc.
5 Mount Roy al Av enue
Ma r lborough, MA 01752
Tel : 508-480-9990 F ax: 508-480-8575
Chicago
Microchip Technolog y Inc.
333 Pierce Road, Suite 180
Itasca, IL 60143
Tel : 630-285-0071 F ax: 630-285-0075
Dallas
Microchip Technolog y Inc.
14651 Dallas Par kway, Suite 816
Dalla s, TX 75240-8809
Tel : 972-991-7177 F ax: 972-991-8588
Dayton
Microchip Technolog y Inc.
Two Prestige Plac e, Suite 150
Miamis burg, OH 45342
Tel : 937-291-1654 F ax: 937-291-9175
Los Angeles
Microchip Technolog y Inc.
18201 Von Kar man, Suite 1090
Ir vin e, CA 92612
Tel : 714-263-1888 F ax: 714-263-1338
New York
Microchip Technolog y Inc.
150 Motor Par kway, Suite 416
Hauppauge, NY 11788
Tel : 516-273-5305 F ax: 516-273-5335
San Jose
Microchip Technolog y Inc.
2107 Nor th First Street, Suite 590
San Jos e, CA 95131
Tel : 408-436-7950 F ax: 408-436-7955
Toronto
Microchip Technolog y Inc.
5925 Air por t Road, Suite 200
Mississauga, Onta r io L4V 1W1, Canada
Tel : 905-405-6279 F ax: 905-405-6253
ASIA/PACIFIC
Hong Kong
Microchip Asia
Pacific
RM 3801B, Tower Two
Metroplaza
223 HingF ong Road
Kwai F ong, N.T., HongKong
Tel : 852-2-401-1200 F ax: 852-2-401-3431
India
Microchip Technolog y India
No. 6, Legacy, Conv ent Road
Bangalore 560 025, India
Tel : 91-80-229-0061 F ax: 91-80-229-0062
Korea
Microchip Technolog y Korea
168-1, Youngbo Bldg. 3 Floor
Samsung-Dong, Kangnam-
Ku
Seoul, Korea
Tel : 82-2-554-7200 F ax: 82-2-558-5934
Shanghai
Microchip Technology
RM 406 Shanghai Golden Br idge Bldg.
2077 Yan’an Roa d West, Hongiao Dist r ict
Shanghai, PRC 200335
Tel : 86-21-6275-5700
F ax: 86 21-6275-5060
Singapore
Microchip Technology Tai wan
Singapore Branch
200 Middle Road
#10-03 Pr ime Centre
Singapore 188980
Tel : 65-334-8870 F ax: 65-334-8850
Taiwan, R.O.C
Microchip Technology Tai wan
10F-1C 207
Tung Hua Nor th Road
Taipei, Tai wan, ROC
Tel : 886 2-717-7175 F ax: 886-2-545-0139
EUROPE
United Kingdom
Ar i zona Microchi p Technology Ltd.
Unit 6 , The Cour t y ard
Meadow Bank, Fu r long Road
Bour ne End, Buckinghamshire SL8 5AJ
Tel : 44-1628-851077 F ax: 44-1628-850259
France
Ar i zona Microchi p Technology SARL
Zone Industr ielle de la Bonde
2 Rue du Buisson aux F raises
91300 Massy, F rance
Tel : 33-1-69-53-63-20
F ax: 33-1-69-30-90-79
Germany
Ar i zona Microchi p Technology GmbH
Gust av-Heinemann-Ring 125
D-81739 Müchen, Ge
r many
Tel : 49-89-627-144 0 F ax: 49-89-627-144-44
Italy
Ar i zona Microchi p Technology SRL
Centro Direzionale Colleone
Palaz zo Tau r us 1 V. Le Colleoni 1
20041 Agrate Br ianza
Milan, Italy
Tel : 39-39-6899939 F ax: 39-39-6899883
JAPAN
Microchi p Technology Intl . Inc.
Benex S-1 6F
3-18-20, Shi n Yokohama
Kohoku- Ku, Yokohama
Kanagawa 222 J apan
Tel : 81-4-5471- 6166 F ax: 81-4-5471-6122
5/8/97
Pr inted on recycled pape r .
All
r ights rese r v ed. © 1997, Microchi p Technology Inco r porated, USA . 6/97
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com