Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC024 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC024
Description  2K 2.5V I 2 C ??Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC024 Datasheet(HTML) 1 Page - Microchip Technology

  24LC024 Datasheet HTML 1Page - Microchip Technology 24LC024 Datasheet HTML 2Page - Microchip Technology 24LC024 Datasheet HTML 3Page - Microchip Technology 24LC024 Datasheet HTML 4Page - Microchip Technology 24LC024 Datasheet HTML 5Page - Microchip Technology 24LC024 Datasheet HTML 6Page - Microchip Technology 24LC024 Datasheet HTML 7Page - Microchip Technology 24LC024 Datasheet HTML 8Page - Microchip Technology 24LC024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS21210A-page 1
M 24LC024/24LC025
FEATURES
• Single supply with operation from 2.5 to 5.5V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
• Organized as a single block of 128 bytes (256 x 8)
• Hardware write protection for entire array
(24LC024)
• 2-wire serial interface bus, I2C compatible
• 100kHz and 400kHz compatibility
• Page-write buffer for up to 16 bytes
• Self-timed write cycle (including auto-erase)
• 3.5 ms typical write cycle time for page write
• Address lines allow up to eight devices on bus
• 10,000,000 erase/write cycles guaranteed
• ESD protection > 4,000V
• Data retention > 200 years
• 8-pin PDIP, SOIC or TSSOP packages
• Available for extended temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24LC024/24LC025 is a
2K bit Serial Electrically Erasable PROM with a voltage
range of 2.5V to 5.5V. The device is organized as a
single block of 256 x 8-bit memory with a 2-wire serial
interface. Low current design permits operation with
typical standby and active currents of only 10
µA and 1
mA respectively. The device has a page-write capability
for up to 16 bytes of data. Functional address lines
allow the connection of up to eight 24LC024/24LC025
devices on the same bus for up to 16K bits of contigu-
ous EEPROM memory. The device is available in the
standard 8-pin PDIP, 8-pin SOIC (150 mil), and TSSOP
packages.
PACKAGE TYPES
BLOCK DIAGRAM
- Commercial (C):
0
°C to +70°C
- Industrial (I):
-40
°C to +85°C
PDIP/SOIC
TSSOP
A0
A1
A2
Vss
Vcc
WP*
SCL
SDA
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP*
SCL
SDA
1
2
3
4
8
7
6
5
*WP pin available only on 24LC024. This
pin has no internal connection on 24LC025
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write Protect
Circuitry
YDEC
VCC
VSS
SENSE AMP
R/W CONTROL
SDA SCL
A0 A1 A2
WP*
*WP pin available only on 24LC024. This
pin has no internal connection on 24LC025
2K 2.5V I2CSerial EEPROM


Similar Part No. - 24LC024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC024 MICROCHIP-24LC024 Datasheet
328Kb / 22P
2K I2C Serial EEPROM
2004
24LC024 MICROCHIP-24LC024 Datasheet
402Kb / 26P
2K I2C??Serial EEPROM
2007
24LC024 MICROCHIP-24LC024 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24LC024 MICROCHIP-24LC024 Datasheet
555Kb / 30P
2K I2C Serial EEPROM
01/02/08
24LC024 MICROCHIP-24LC024 Datasheet
538Kb / 41P
2-Kbit I2C Serial EEPROM
More results

Similar Description - 24LC024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
16K 2.5V I 2 C O Serial EEPROM
2007
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LC65 MICROCHIP-24LC65 Datasheet
106Kb / 12P
64K 2.5V I 2 C Smart Serial EEPROM
2003
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
93LC56AB MICROCHIP-93LC56AB Datasheet
222Kb / 12P
2K 2.5V Microwave Serial EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com