Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC080 Datasheet(PDF) 5 Page - Microchip Technology

Part # 25LC080
Description  8K/16K 2.5V SPI O Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC080 Datasheet(HTML) 5 Page - Microchip Technology

  25LC080 Datasheet HTML 1Page - Microchip Technology 25LC080 Datasheet HTML 2Page - Microchip Technology 25LC080 Datasheet HTML 3Page - Microchip Technology 25LC080 Datasheet HTML 4Page - Microchip Technology 25LC080 Datasheet HTML 5Page - Microchip Technology 25LC080 Datasheet HTML 6Page - Microchip Technology 25LC080 Datasheet HTML 7Page - Microchip Technology 25LC080 Datasheet HTML 8Page - Microchip Technology 25LC080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21145D-page 5
25LC080/160
2.0
PRINCIPLES OF OPERATION
The 25LC080/160 is an 1024/2048 byte EEPROM
designed to interface directly with the Serial Peripheral
Interface (SPI) port of many of today’s popular micro-
controller families, including Microchip’s midrange
PIC16CXX microcontrollers. It may also interface with
microcontrollers that do not have a built-in SPI port by
using discrete I/O lines programmed properly with soft-
ware.
The 25LC080/160 contains an 8-bit instruction register.
The part is accessed via the SI pin, with data being
clocked in on the rising edge of SCK. If the WPEN bit in
the status register is set, the WP pin must be held high
to allow writing to the non-volatile bits in the status reg-
ister.
Table 2-1 contains a list of the possible instruction bytes
and format for device operation. All instructions,
addresses and data are transferred MSB first, LSB last.
Data is sampled on the first rising edge of SCK after CS
goes low. If the clock line is shared with other peripheral
devices on the SPI bus, the user can assert the HOLD
input and place the 25LC080/160 in ‘HOLD’ mode.
After releasing the HOLD pin, operation will resume
from the point when the HOLD was asserted.
2.1
Write Enable (WREN) and Write
Disable (WRDI)
The 25LC080/160 contains a write enable latch. This
latch must be set before any write operation will be
completed internally. The WREN instruction will set the
latch, and the WRDI will reset the latch. The following is
a list of conditions under which the write enable latch
will be reset:
• Power-up
• WRDI instruction successfully executed
• WRSR instruction successfully executed
• WRITE instruction successfully executed
2.2
Read Status Register (RDSR)
The RDSR instruction provides access to the status
register. The status register may be read at any time,
even during a write cycle. The status register is format-
ted as follows:
The Write-In-Process (WIP) bit indicates whether the
25LC080/160 is busy with a write operation. When set
to a ‘1’ a write is in progress, when set to a ‘0’ no write
is in progress. This bit is read only.
The Write Enable Latch (WEL) bit indicates the status
of the write enable latch. When set to a ‘1’ the latch
allows writes to the array and status register, when set
to a ‘0’ the latch prohibits writes to the array and status
register. The state of this bit can always be updated via
7
654
3
2
1
0
WPEN
X
X
X
BP1
BP0
WEL
WIP
the WREN or WRDI commands regardless of the state
of write protection on the status register. This bit is read
only.
The Block Protection (BP0 and BP1) bits indicate
which blocks are currently write protected. These bits
are set by the user issuing the WRSR instruction.
These bits are non-volatile.
The Write Protect Enable (WPEN) bit is a non-volatile
bit that is available as an enable bit for the WP pin. The
Write Protect (WP) pin and the Write Protect Enable
(WPEN) bit in the status register control the program-
mable hardware write protect feature. Hardware write
protection is enabled when WP pin is low and the
WPEN bit is high. Hardware write protection is disabled
when either the WP pin is high or the WPEN bit is low.
When the chip is hardware write protected, only writes
to non-volatile bits in the status register are disabled.
See Table 2-2 for matrix of functionality on the WPEN
bit and Figure 2-1 for a flowchart of Table 2-2.
See Figure 3-5 for RDSR timing sequence.
TABLE 2-1:
INSTRUCTION SET
Instruction
Name
Instruction
Format
Description
WREN
0000 0110
Set the write enable
latch (enable write
operations)
WRDI
0000 0100
Reset the write
enable latch (disable
write operations)
RDSR
0000 0101
Read status register
WRSR
0000 0001
Write status register
(write protect enable
and block write pro-
tection bits)
READ
0000 0011
Read data from
memory array begin-
ning at selected
address
WRITE
0000 0010
Write data to memory
array beginning at
selected address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com