Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC080 Datasheet(PDF) 11 Page - Microchip Technology

Part # 25LC080
Description  8K/16K 2.5V SPI O Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC080 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 25LC080 Datasheet HTML 4Page - Microchip Technology 25LC080 Datasheet HTML 5Page - Microchip Technology 25LC080 Datasheet HTML 6Page - Microchip Technology 25LC080 Datasheet HTML 7Page - Microchip Technology 25LC080 Datasheet HTML 8Page - Microchip Technology 25LC080 Datasheet HTML 9Page - Microchip Technology 25LC080 Datasheet HTML 10Page - Microchip Technology 25LC080 Datasheet HTML 11Page - Microchip Technology 25LC080 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
25LC080/160
© 1996 Microchip Technology Inc.
Preliminary
DS21145D-page 11
25LC080/160 Product Identification System
To order or to obtain information (e.g., on pricing or delivery), please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
P = Plastic DIP (300 mil body), 8 lead
SN = Plastic SOIC (150 mil body), 8 lead
Temperature
Blank = 0
°C to +70°C
Range:
I = -40
°C to +85°C
Device:
25LC080/160
SPI Bus Serial EEPROM
25LC080T/160T
SPI Bus Serial EEPROM (Tape and Reel)
25LC080/160
-
/P
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
Your local Microchip sales office (see next page)
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
1.
2.
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com